Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega16HVB Datasheet(PDF) 77 Page - ATMEL Corporation

Part # ATmega16HVB
Description  8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
PDF  273 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16HVB Datasheet(HTML) 77 Page - ATMEL Corporation

Back Button ATmega16HVB Datasheet HTML 73Page - ATMEL Corporation ATmega16HVB Datasheet HTML 74Page - ATMEL Corporation ATmega16HVB Datasheet HTML 75Page - ATMEL Corporation ATmega16HVB Datasheet HTML 76Page - ATMEL Corporation ATmega16HVB Datasheet HTML 77Page - ATMEL Corporation ATmega16HVB Datasheet HTML 78Page - ATMEL Corporation ATmega16HVB Datasheet HTML 79Page - ATMEL Corporation ATmega16HVB Datasheet HTML 80Page - ATMEL Corporation ATmega16HVB Datasheet HTML 81Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 273 page
background image
77
8042A–AVR–07/09
ATmega16HVB/32HVB
Table 15-6.
Overriding Signals for Alternate Functions in PB7:PB4
Signal Name
PB7/MISO/PCINT11
PB6/MOSI/PCINT10
PB5/SCK/PCINT9
PB4/SS/PCINT8
PUOE
SPE • MSTR
SPE • MSTR
SPE • MSTR
SPE • MSTR
PUOV
PORTB7 • PUD
PORTB6 • PUD
PORTB5 • PUD
PORTB0 • PUD
DDOE
SPE • MSTR
SPE • MSTR
SPE • MSTR
SPE • MSTR
DDOV
0
0
0
0
PVOE
SPE • MSTR
SPE • MSTR
SPE • MSTR
0
PVOV
SPI SLAVE OUTPUT
SPI MSTR OUTPUT
SCK OUTPUT
0
PTOE
–
–
–
–
DIEOE
PCINT11 • PCIE1
PCINT10 • PCIE1
PCINT9 • PCIE1
PCINT8 • PCIE1
DIEOV
1
1
–
1
DI
SPI MSTR INPUT
PCINT11 INPUT
SPI SLAVE INPUT
PCINT10 INPUT
SCK INPUT
PCINT9 INPUT
SS INPUT
PCINT8 INPUT
AIO
–
–
–
–
Table 15-7.
Overriding Signals for Alternate Functions in PB3:PB0
Signal Name
PB3/PCINT7
PB2/PCINT6
PB1/CKOE/PCINT5
PB0/PCINT4
PUOE
0
0
CKOE
0
PUOV
0
0
0
0
DDOE
0
0
CKOE
0
DDOV
0
0
CKOE
0
PVOE
0
0
CKOE
0
PVOV
0
0
CKOUT
0
PTOE
–
–
–
–
DIEOE
PCINT7 • PCIE1
PCINT6 • PCIE1
(PCINT6 • PCIE1)|CKOE
PCINT4 • PCIE1
DIEOV
1
1
(PCINT6 • PCIE1)|CKOE
1
DI
PCINT7 INPUT
PCINT6 INPUT
PCINT5 INPUT
IPC0 INPUT
PCINT4 INPUT
AIO
–
–
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com