Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega16HVB Datasheet(PDF) 93 Page - ATMEL Corporation

Part # ATmega16HVB
Description  8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
PDF  273 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16HVB Datasheet(HTML) 93 Page - ATMEL Corporation

Back Button ATmega16HVB Datasheet HTML 89Page - ATMEL Corporation ATmega16HVB Datasheet HTML 90Page - ATMEL Corporation ATmega16HVB Datasheet HTML 91Page - ATMEL Corporation ATmega16HVB Datasheet HTML 92Page - ATMEL Corporation ATmega16HVB Datasheet HTML 93Page - ATMEL Corporation ATmega16HVB Datasheet HTML 94Page - ATMEL Corporation ATmega16HVB Datasheet HTML 95Page - ATMEL Corporation ATmega16HVB Datasheet HTML 96Page - ATMEL Corporation ATmega16HVB Datasheet HTML 97Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 273 page
background image
93
8042A–AVR–07/09
ATmega16HVB/32HVB
The following code examples show how to do an atomic write of the TCNTnH/L register con-
tents. Writing any of the OCRnA/B registers can be done by using the same principle.
Note:
See “About Code Examples” on page 8.
The assembly code example requires that the r17:r16 register pair contains the value to be writ-
ten to TCNTnH/L.
17.9.1
Reusing the temporary high byte register
If writing to more than one 16-bit register where the high byte is the same for all registers written,
then the high byte only needs to be written once. However, note that the same rule of atomic
operation described previously also applies in this case.
Assembly Code Example
TIMn_WriteTCNTn:
; Save global interrupt flag
in
r18,SREG
; Disable interrupts
cli
; Set TCNTn to r17:r16
out
TCNTnH,r17
out
TCNTnL,r16
; Restore global interrupt flag
out
SREG,r18
ret
C Code Example
void
TIMn_WriteTCNTn( unsigned int i )
{
unsigned char
sreg;
unsigned int
i;
/* Save global interrupt flag */
sreg = SREG;
/* Disable interrupts */
_CLI();
/* Set TCNTn to i */
TCNTn = i;
/* Restore global interrupt flag */
SREG = sreg;
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com