Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega16HVB Datasheet(PDF) 32 Page - ATMEL Corporation

Part # ATmega16HVB
Description  8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
PDF  273 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16HVB Datasheet(HTML) 32 Page - ATMEL Corporation

Back Button ATmega16HVB Datasheet HTML 28Page - ATMEL Corporation ATmega16HVB Datasheet HTML 29Page - ATMEL Corporation ATmega16HVB Datasheet HTML 30Page - ATMEL Corporation ATmega16HVB Datasheet HTML 31Page - ATMEL Corporation ATmega16HVB Datasheet HTML 32Page - ATMEL Corporation ATmega16HVB Datasheet HTML 33Page - ATMEL Corporation ATmega16HVB Datasheet HTML 34Page - ATMEL Corporation ATmega16HVB Datasheet HTML 35Page - ATMEL Corporation ATmega16HVB Datasheet HTML 36Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 273 page
background image
32
8042A–AVR–07/09
ATmega16HVB/32HVB
9.8
Register Description
9.8.1
FOSCCAL – Fast RC Oscillator Calibration Register
• Bits 7:0 – FCAL7:0: Fast RC Oscillator Calibration Value
The Fast RC Oscillator Calibration Register is used to trim the Fast RC Oscillator to remove pro-
cess variations from the oscillator frequency. The factory-calibrated value is automatically
written to this register during chip reset, giving an oscillator frequency of approximately 8.0 MHz
at 25°C. The application software can write this register to change the oscillator frequency. The
oscillator can be run-time calibrated to any frequency in the range 7.3 - 8.1 MHz. Calibration out-
side that range is not guaranteed.
Note that this oscillator is used to time EEPROM and Flash write accesses, and these write
times will be affected accordingly. If the EEPROM or Flash are written, do not calibrate to more
than 8.1 MHz. Otherwise, the EEPROM or Flash write may fail.
The FCAL[7:5] bits determine the range of operation for the oscillator. Setting these bits to
0b000 gives the lowest frequency range, setting this bit to 0b111 gives the highest frequency
range. The frequency ranges are overlapping. A setting of for instance FOSCCAL = 0x1F gives
a higher frequency than FOSCCAL = 0x20.
The FCAL[4:0] bits are used to tune the frequency within the selected range. A setting of 0x00
gives the lowest frequency in that range, and a setting of 0x1F gives the highest frequency in the
range. Incrementing FCAL[4:0] by 1 will give a frequency increment of less than 1% in the fre-
quency range 7.3 - 8.1 MHz. With an accurate time reference, an oscillator accuracy of ±0.5%
can be achieved after calibration. The frequency will drift with temperature, so run-time calibra-
tion will be required to maintain the accuracy. Refer to ”OSI – Oscillator Sampling Interface” on
page 29 for details.
9.8.2
MCUCR – MCU Control Register
• Bit 5 – CKOE: Clock Output
When this bit is written to one, the CPU clock divided by 2 is output on the PB1 pin.
9.8.3
CLKPR – Clock Prescale Register
Bit
765
43210
(0x66)
FCAL7
FCAL6
FCAL5
FCAL4
FCAL3
FCAL2
FCAL1
FCAL0
FOSCCAL
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
Device Specific Calibration Value
Bit
7
6
5
4
3
2
1
0
0x35 (0x55)
-–
CKOE
PUD
IVSEL
IVCE
MCUCR
Read/Write
R
R
R/W
R/W
R
R
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
7
6543
2
1
0
(0x61)
CLKPCE
CLKPS1
CLKPS0
CLKPR
Read/Write
R/W
RRR
RR
R/W
R/W
Initial Value
0
0000
0
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com