Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega16HVB Datasheet(PDF) 74 Page - ATMEL Corporation

Part # ATmega16HVB
Description  8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
PDF  273 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16HVB Datasheet(HTML) 74 Page - ATMEL Corporation

Back Button ATmega16HVB Datasheet HTML 70Page - ATMEL Corporation ATmega16HVB Datasheet HTML 71Page - ATMEL Corporation ATmega16HVB Datasheet HTML 72Page - ATMEL Corporation ATmega16HVB Datasheet HTML 73Page - ATMEL Corporation ATmega16HVB Datasheet HTML 74Page - ATMEL Corporation ATmega16HVB Datasheet HTML 75Page - ATMEL Corporation ATmega16HVB Datasheet HTML 76Page - ATMEL Corporation ATmega16HVB Datasheet HTML 77Page - ATMEL Corporation ATmega16HVB Datasheet HTML 78Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 273 page
background image
74
8042A–AVR–07/09
ATmega16HVB/32HVB
15.3.1
Alternate Functions of Port A
The Port A pins with alternate functions are shown in Table 15-3.
The alternate pin configuration is as follows:
• ADC0/SGND/PCINT0 - Port A, Bit0
ADC0: Voltage ADC Channel0. This pin can serve as Channel 0 Input for the Voltage ADC.
SGND: Voltage ADC Signal Ground. This pin can serve as Channel 1 Signal Ground for the
Voltage ADC.
PCINT0. Pin Change Interrupt 0. This pin can serve as external interrupt source.
• ADC1/SGND/PCINT1 - Port A, Bit1
ADC1: Voltage ADC Channel 1: This pin can serve as Channel 1 for the Voltage ADC.
SGND: Voltage ADC Signal Ground. This pin can serve as Channel 0 Signal Ground for the
Voltage ADC.
PCINT1: Pin Change Interrupt 1. This pin can serve as external interrupt source.
• T0/PCINT2 - Port A, Bit2
T0: Timer/Counter0. This pin can serve as Timer/Counter0 clock source.
PCINT2: Pin Change Interrupt 2. This pin can serve as external interrupt source.
• T1/PCINT3 - Port A, Bit3
T1: Timer/Counter1. This pin can serve as Timer/Counter1 clock source.
PCINT3: Pin Change Interrupt 3.
Table 15-3.
Port A Pins Alternate Functions
Port Pin
Alternate Function
PA3
T1/PCINT3 (Timer/Counter1 Clock Input or Pin Change Interrupt 3)
PA2
T0/PCINT2 (Timer/Counter0 Clock Input or Pin Change Interrupt 2)
PA1
ADC1/SGND/PCINT1
(ADC Input Channel 1, Signal Ground or Pin Change Interrupt 1)
PA0
ADC0/SGND/PCINT0
(ADC Input Channel 0, Signal Ground or Pin Change Interrupt 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com