Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega16HVB Datasheet(PDF) 37 Page - ATMEL Corporation

Part # ATmega16HVB
Description  8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
PDF  273 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16HVB Datasheet(HTML) 37 Page - ATMEL Corporation

Back Button ATmega16HVB Datasheet HTML 33Page - ATMEL Corporation ATmega16HVB Datasheet HTML 34Page - ATMEL Corporation ATmega16HVB Datasheet HTML 35Page - ATMEL Corporation ATmega16HVB Datasheet HTML 36Page - ATMEL Corporation ATmega16HVB Datasheet HTML 37Page - ATMEL Corporation ATmega16HVB Datasheet HTML 38Page - ATMEL Corporation ATmega16HVB Datasheet HTML 39Page - ATMEL Corporation ATmega16HVB Datasheet HTML 40Page - ATMEL Corporation ATmega16HVB Datasheet HTML 41Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 273 page
background image
37
8042A–AVR–07/09
ATmega16HVB/32HVB
Notes:
1. Runs only when OSI is enabled and RCOSC_SLOW is selected as source for OSI.
2. Address Match and Bus Connect/Disconnect Wake-up only
3. Discharge FET must be switched off for Charger Detect to be enabled.
4. VREGMON interrupt (Regulator Operation Condition Warning) not available.
10.2
Idle Mode
When the SM2..0 bits are written to 000, the SLEEP instruction makes the MCU enter Idle
mode, stopping the CPU but allowing all peripheral functions to continue operating. This sleep
mode basically halts clk
CPU and clkFLASH, while allowing the other clocks to run. Idle mode
enables the MCU to wake up from external triggered interrupts as well as internal ones like the
Timer Overflow interrupt.
10.3
ADC Noise Reduction
When the SM2:0 bits are written to 001, the SLEEP instruction makes the MCU enter ADC
Noise Reduction mode, stopping the CPU but allowing the Voltage ADC (V-ADC), Voltage Reg-
ulator Monitor (VREGMON), Watchdog Timer (WDT), Coulomb Counter (CC), Current Battery
Protection (CBP), and the Ultra Low Power RC Oscillator (RCOSC_ULP) to continue operating.
This sleep mode basically halts clk
I/O, clkCPU, and clkFLASH, while allowing the other clocks to run.
This improves the noise environment for the Voltage ADC, enabling higher accuracy on
measurements.
10.4
Power-save Mode
When the SM2..0 bits are written to 011, the SLEEP instruction makes the MCU enter Power-
save mode. In this mode, the internal Fast RC Oscillator (RCOSC_FAST) is stopped, while
Watchdog Timer (WDT), Coulomb Counter (CC), Current Battery Protection (CBP) and the Ultra
Low Power RC Oscillator (RCOSC_ULP) continue operating.
This mode will be the default mode when application software does not require operation of
CPU, Flash or any of the peripheral units running at the Fast internal Oscillator (RCOSC_FAST).
If the current through the sense resistor is so small that the Coulomb Counter cannot measure it
accurately, Regular Current detection should be enabled to reduce power consumption. The
WDT keeps accurately track of the time so that battery self discharge can be calculated.
External Interrupts
X
X
X
X
Battery Protection
X
X
X
X
Watchdog Timer
X
X
X
X
Voltage Regulator
X
X
X
X(4)
Bandgap Reference
X
X
X
X
FET Driver
X
X
X
X
CHARGER_DETECT(3)
X
XXX
X
Table 10-2.
Active modules in different Sleep Modes (Continued)
Module
Mode
Active
Idle
ADC Noise
Reduction
Power-save
Power-off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com