Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega16HVB Datasheet(PDF) 59 Page - ATMEL Corporation

Part # ATmega16HVB
Description  8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
PDF  273 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16HVB Datasheet(HTML) 59 Page - ATMEL Corporation

Back Button ATmega16HVB Datasheet HTML 55Page - ATMEL Corporation ATmega16HVB Datasheet HTML 56Page - ATMEL Corporation ATmega16HVB Datasheet HTML 57Page - ATMEL Corporation ATmega16HVB Datasheet HTML 58Page - ATMEL Corporation ATmega16HVB Datasheet HTML 59Page - ATMEL Corporation ATmega16HVB Datasheet HTML 60Page - ATMEL Corporation ATmega16HVB Datasheet HTML 61Page - ATMEL Corporation ATmega16HVB Datasheet HTML 62Page - ATMEL Corporation ATmega16HVB Datasheet HTML 63Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 273 page
background image
59
8042A–AVR–07/09
ATmega16HVB/32HVB
Note:
1. n = 3, 2, 1, or 0.
When changing the ISCn1/ISCn0 bits, the interrupt must be disabled by clearing its Interrupt
Enable bit in the EIMSK Register. Otherwise an interrupt can occur when the bits are changed.
13.2.2
EIMSK – External Interrupt Mask Register
• Bits 7:4 – RES: Reserved Bits
These bits are reserved bits ins the ATmega16HVB/32HVB, and will always read as zero.
• Bits 3:0 – INT3 - INT0: External Interrupt Request 3:0 Enable
When an INT3 – INT0 bit is written to one and the I-bit in the Status Register (SREG) is set
(one), the corresponding external pin interrupt is enabled. The Interrupt Sense Control bits in the
External Interrupt Control Register – EICRA – defines whether the external interrupt is activated
on rising or falling edge or level sensed. Activity on any of these pins will trigger an interrupt
request even if the pin is enabled as an output. This provides a way of generating a software
interrupt.
13.2.3
EIFR – External Interrupt Flag Register
• Bits 7:4 – RES: Reserved Bits
These bits are reserved bits ins the ATmega16HVB/32HVB, and will always read as zero.
• Bits 3:0 – INTF3 - INTF0: External Interrupt Flags 3:0
When an edge or logic change on the INT3:0 pin triggers an interrupt request, INTF3:0 becomes
set (one). If the I-bit in SREG and the corresponding interrupt enable bit, INT3:0 in EIMSK, are
set (one), the MCU will jump to the interrupt vector. The flag is cleared when the interrupt routine
is executed. Alternatively, the flag can be cleared by writing a logical one to it. These flags are
always cleared when INT3:0 are configured as level interrupt. Note that when entering sleep
mode with the INT3:0 interrupts disabled, the input buffers on these pins will be disabled. This
may cause a logic change in internal signals which will set the INTF3:0 flags. See ”Digital Input
Enable and Sleep Modes” on page 71 for more information.
Table 13-1.
Interrupt Sense Control
ISCn1
ISCn0
Description
0
0
The low level of INTn generates an interrupt request.
0
1
Any logical change on INTn generates an interrupt request.
1
0
The falling edge of INTn generates an interrupt request.
1
1
The rising edge of INTn generates an interrupt request.
Bit
765
432
10
0x1D (0x3D)
–
–
–
–
INT3
INT2
INT1
INT0
EIMSK
Read/Write
R
R
R
R
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
765
432
10
0x1C (0x3C)
–
–
–
–
INTF3
INTF2
INTF1
INTF0
EIFR
Read/Write
R
R
R
R
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com