Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega16HVB Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATmega16HVB
Description  8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
PDF  273 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16HVB Datasheet(HTML) 1 Page - ATMEL Corporation

  ATmega16HVB Datasheet HTML 1Page - ATMEL Corporation ATmega16HVB Datasheet HTML 2Page - ATMEL Corporation ATmega16HVB Datasheet HTML 3Page - ATMEL Corporation ATmega16HVB Datasheet HTML 4Page - ATMEL Corporation ATmega16HVB Datasheet HTML 5Page - ATMEL Corporation ATmega16HVB Datasheet HTML 6Page - ATMEL Corporation ATmega16HVB Datasheet HTML 7Page - ATMEL Corporation ATmega16HVB Datasheet HTML 8Page - ATMEL Corporation ATmega16HVB Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 273 page
background image
Features
High Performance, Low Power AVR® 8-bit Microcontroller
Advanced RISC Architecture
– 124 Powerful Instructions - Most Single Clock Cycle Execution
– 32 x 8 General Purpose Working Registers
– Fully Static Operation
– Up to 8 MIPS Throughput at 8 MHz
High Endurance Non-volatile Memory Segments
– 16K/32K Bytes of In-System Self-Programmable Flash (ATmega16HVB/32HVB)
– 512/1K Bytes EEPROM
– 1K/2K Bytes Internal SRAM
– Write/Erase Cycles 10,000 Flash/100,000 EEPROM
– Data retention: 20 years at 85°C/100 years at 25°C(1)
– Optional Boot Code Section with Independent Lock Bits
In-System Programming by On-chip Boot Program
True Read-While-Write Operation
– Programming Lock for Software Security
Battery Management Features
– Two, three or Four Cells in Series
– High-current Protection (Charge and Discharge)
– Over-current Protection (Charge and Discharge)
– Short-circuit Protection (Discharge)
– High Voltage Outputs to Drive N-Channel Charge/Discharge FETs
– Optional Deep Under Voltage Recovery mode - allowing 0-volt charging without
external Precharge FET
– Optional High Voltage Open Drain ouput - allowing 0-volt charging with external
Precharge FET
– Integrated Cell Balancing FETs
Peripheral Features
– Two configurable 8- or 16-bit Timers with Separate Prescaler, Optional Input Capture
(IC), Compare Mode and CTC
– SPI - Serial Peripheral Interface
– 12-bit Voltage ADC, Six External and One Internal ADC Input
– High Resolution Coulomb Counter ADC for Current Measurements
– TWI Serial Interface supporting SMBus implementation
– Programmable Watchdog Timer
Special Microcontroller Features
– debugWIRE On-chip Debug System
– In-System Programmable via SPI ports
–Power-on Reset
– On-chip Voltage Regulator with Short-circuit Monitoring Interface
– External and Internal Interrupt Sources
– Sleep Modes: Idle, ADC Noise Reduction, Power-save, and Power-off
Additional Secure Authentication Features available only under NDA
Packages
– 44-pin TSSOP
Operating Voltage: 4 - 25V
Maximum Withstand Voltage (High-voltage pins): 35V
Temperature Range: -40°C to 85°C
Speed Grade: 1-8 MHz
Note:
1. See ”Data Retention” on page 8 for details.
8-bit
Microcontroller
with 16K/32K
Bytes In-System
Programmable
Flash
ATmega16HVB
ATmega32HVB
Preliminary
8042A–AVR–07/09


Similar Part No. - ATmega16HVB

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA16HVB ATMEL-ATMEGA16HVB Datasheet
389Kb / 20P
8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
ATMEGA16HVB ATMEL-ATMEGA16HVB Datasheet
462Kb / 21P
8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
ATMEGA16HVB ATMEL-ATMEGA16HVB Datasheet
6Mb / 275P
32 x 8 General Purpose Working Registers
ATMEGA16HVB ATMEL-ATMEGA16HVB Datasheet
5Mb / 278P
High performance, low power Atmel
ATMEGA16HVB-8X3 ATMEL-ATMEGA16HVB-8X3 Datasheet
462Kb / 21P
8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
More results

Similar Description - ATmega16HVB

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA169V ATMEL-ATMEGA169V_06 Datasheet
297Kb / 26P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA16M1 ATMEL-ATMEGA16M1 Datasheet
1,005Kb / 25P
8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
ATMEGA16HVB ATMEL-ATMEGA16HVB Datasheet
389Kb / 20P
8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
ATMEGA16A ATMEL-ATMEGA16A Datasheet
426Kb / 19P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA16HVB ATMEL-ATMEGA16HVB_09 Datasheet
476Kb / 22P
8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
ATMEGA16M1 ATMEL-ATMEGA16M1_1 Datasheet
6Mb / 365P
8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
ATMEGA16HVB ATMEL-ATMEGA16HVB_10 Datasheet
462Kb / 21P
8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
ATMEGA164P ATMEL-ATMEGA164P_10 Datasheet
568Kb / 28P
8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
ATMEGA32M1-15AZ ATMEL-ATMEGA32M1-15AZ Datasheet
1Mb / 27P
8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
ATMEGA16M1-15AZ ATMEL-ATMEGA16M1-15AZ Datasheet
1Mb / 27P
8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com