Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega16HVB Datasheet(PDF) 58 Page - ATMEL Corporation

Part # ATmega16HVB
Description  8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
PDF  273 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16HVB Datasheet(HTML) 58 Page - ATMEL Corporation

Back Button ATmega16HVB Datasheet HTML 54Page - ATMEL Corporation ATmega16HVB Datasheet HTML 55Page - ATMEL Corporation ATmega16HVB Datasheet HTML 56Page - ATMEL Corporation ATmega16HVB Datasheet HTML 57Page - ATMEL Corporation ATmega16HVB Datasheet HTML 58Page - ATMEL Corporation ATmega16HVB Datasheet HTML 59Page - ATMEL Corporation ATmega16HVB Datasheet HTML 60Page - ATMEL Corporation ATmega16HVB Datasheet HTML 61Page - ATMEL Corporation ATmega16HVB Datasheet HTML 62Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 273 page
background image
58
8042A–AVR–07/09
ATmega16HVB/32HVB
13. External Interrupts
13.1
Overview
The External Interrupts are triggered by the INT3:0 pin or any of the PCINT11:0 pins. Observe
that, if enabled, the interrupts will trigger even if the INT3:0 or PCINT11:0 pins are configured as
outputs. This feature provides a way of generating a software interrupt.
The External Interrupts can be triggered by a falling or rising edge or a low level. This is set up
as indicated in the specification for the ”EICRA – External Interrupt Control Register A” on page
58. When the external interrupt is enabled and is configured as level triggered, the interrupt will
trigger as long as the pin is held low. Interrupts are detected asynchronously. This implies that
these interrupts can be used for waking the part also from sleep modes other than Idle mode.
The I/O clock is halted in all sleep modes except Idle mode.
The Pin change interrupt PCI1 will trigger if any enabled PCINT11:4 pin toggles and Pin change
interrupts PCI0 will trigger if any enabled PCINT3:0 pin toggles. PCMSK1 and PCMSK0 Regis-
ters control which pins contribute to the pin change interrupts. Pin change interrupts on
PCINT11:0 are detected asynchronously. This implies that these interrupts can be used for wak-
ing the part also from sleep modes other than Idle mode.
Note that if a level triggered interrupt is used for wake-up from Power-save, the required level
must be held long enough for the MCU to complete the wake-up to trigger the level interrupt. If
the level disappears before the end of the Start-up Time, the MCU will still wake up, but no inter-
rupt will be generated. The start-up time is defined by the SUT fuses as described in ”Clock
Systems and their Distribution” on page 25.
13.2
Register Description
13.2.1
EICRA – External Interrupt Control Register A
• Bits 7:0 – ISCn: External Interrupt Sense Control Bits
The External Interrupts 3:0 are activated by the external pins INT3:0 if the SREG I-flag and the
corresponding interrupt mask in the EIMSK is set. The level and edges on the external pins that
activate the interrupts are defined in Table 13-1 on page 59. Edges on INT3..INT0 are registered
asynchronously. Pulses on INT3:0 pins wider than the minimum pulse width given in Table 32-
11 on page 233 will generate an interrupt. Shorter pulses are not guaranteed to generate an
interrupt. If low level interrupt is selected, the low level must be held until the completion of the
currently executing instruction to generate an interrupt. If enabled, a level triggered interrupt will
generate an interrupt request as long as the pin is held low. When changing the ISCn bit, an
interrupt can occur. Therefore, it is recommended to first disable INTn by clearing its Interrupt
Enable bit in the EIMSK Register. Then, the ISCn bit can be changed. Finally, the INTn interrupt
flag should be cleared by writing a logical one to its Interrupt Flag bit (INTFn) in the EIFR Regis-
ter before the interrupt is re-enabled.
Bit
765
432
10
(0x69)
ISC31
ISC30
ISC21
ISC20
ISC11
ISC10
ISC01
ISC00
EICRA
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com