Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega16HVB Datasheet(PDF) 92 Page - ATMEL Corporation

Part # ATmega16HVB
Description  8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
PDF  273 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16HVB Datasheet(HTML) 92 Page - ATMEL Corporation

Back Button ATmega16HVB Datasheet HTML 88Page - ATMEL Corporation ATmega16HVB Datasheet HTML 89Page - ATMEL Corporation ATmega16HVB Datasheet HTML 90Page - ATMEL Corporation ATmega16HVB Datasheet HTML 91Page - ATMEL Corporation ATmega16HVB Datasheet HTML 92Page - ATMEL Corporation ATmega16HVB Datasheet HTML 93Page - ATMEL Corporation ATmega16HVB Datasheet HTML 94Page - ATMEL Corporation ATmega16HVB Datasheet HTML 95Page - ATMEL Corporation ATmega16HVB Datasheet HTML 96Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 273 page
background image
92
8042A–AVR–07/09
ATmega16HVB/32HVB
The following code examples show how to do an atomic read of the TCNTn register contents.
Reading any of the OCRn register can be done by using the same principle.
Note:
1. See “About Code Examples” on page 8.
The assembly code example returns the TCNTnH/L value in the r17:r16 register pair.
Assembly Code Example
TIMn_ReadTCNTn:
; Save global interrupt flag
in
r18,SREG
; Disable interrupts
cli
; Read TCNTn into r17:r16
in
r16,TCNTnL
in
r17,TCNTnH
; Restore global interrupt flag
out
SREG,r18
ret
C Code Example
unsigned int
TIMn_ReadTCNTn( void )
{
unsigned char sreg;
unsigned int
i;
/* Save global interrupt flag */
sreg = SREG;
/* Disable interrupts */
_CLI();
/* Read TCNTn into i */
i = TCNTn;
/* Restore global interrupt flag */
SREG = sreg;
return
i;
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com