Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega16HVB Datasheet(PDF) 45 Page - ATMEL Corporation

Part # ATmega16HVB
Description  8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
PDF  273 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16HVB Datasheet(HTML) 45 Page - ATMEL Corporation

Back Button ATmega16HVB Datasheet HTML 41Page - ATMEL Corporation ATmega16HVB Datasheet HTML 42Page - ATMEL Corporation ATmega16HVB Datasheet HTML 43Page - ATMEL Corporation ATmega16HVB Datasheet HTML 44Page - ATMEL Corporation ATmega16HVB Datasheet HTML 45Page - ATMEL Corporation ATmega16HVB Datasheet HTML 46Page - ATMEL Corporation ATmega16HVB Datasheet HTML 47Page - ATMEL Corporation ATmega16HVB Datasheet HTML 48Page - ATMEL Corporation ATmega16HVB Datasheet HTML 49Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 273 page
background image
45
8042A–AVR–07/09
ATmega16HVB/32HVB
Figure 11-4. Watchdog Reset During Operation
11.2.4
Brown-out Detection
ATmega16HVB/32HVB has an On-chip Brown-out Detection (BOD) circuit for monitoring the
V
CC level during operation by comparing it to a fixed trigger level VBOT. The trigger level has a
hysteresis to ensure spike free Brown-out Detection. The hysteresis on the detection level
should be interpreted as V
BOT+ = VBOT + VHYST/2 and VBOT- = VBOT - VHYST/2.
The BOD is automatically enabled in all modes of operation, except in Power-off mode.
When the BOD is enabled, and V
CC decreases to a value below the trigger level (VBOT- in Figure
11-5), the Brown-out Reset is immediately activated. When V
CC increases above the trigger
level (V
BOT+ in Figure 11-5), the delay counter starts the MCU after the Time-out period tTOUT has
expired.
Figure 11-5. Brown-out Reset During Operation
11.3
Reset and the Voltage Reference
The Voltage Reference is important for the performance of the system as the VREF voltage will
be used as reference voltage for several modules. It is therefore important to notice that after a
reset condition the Voltage Reference needs calibration and settling before the VREF voltage is
accurate. For details on Voltage Reference calibration and settling time, See ”Voltage Reference
and Temperature Sensor” on page 123.
CK
FET
VCC
RESET
TIME-OUT
INTERNAL
RESET
VBOT-
VBOT+
tTOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com