Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega16HVB Datasheet(PDF) 51 Page - ATMEL Corporation

Part # ATmega16HVB
Description  8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
PDF  273 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16HVB Datasheet(HTML) 51 Page - ATMEL Corporation

Back Button ATmega16HVB Datasheet HTML 47Page - ATMEL Corporation ATmega16HVB Datasheet HTML 48Page - ATMEL Corporation ATmega16HVB Datasheet HTML 49Page - ATMEL Corporation ATmega16HVB Datasheet HTML 50Page - ATMEL Corporation ATmega16HVB Datasheet HTML 51Page - ATMEL Corporation ATmega16HVB Datasheet HTML 52Page - ATMEL Corporation ATmega16HVB Datasheet HTML 53Page - ATMEL Corporation ATmega16HVB Datasheet HTML 54Page - ATMEL Corporation ATmega16HVB Datasheet HTML 55Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 273 page
background image
51
8042A–AVR–07/09
ATmega16HVB/32HVB
.
Note:
1. The actual timeout value depends on the actual clock period of the Ultra Low Power RC Oscil-
lator, refer to ”Ultra Low Power RC Oscillator” on page 27” for details.
Table 11-2.
Watchdog Timer Prescale Select
WDP3
WDP2
WDP1
WDP0
Number of WDT
Oscillator Cycles
Typical
Time-out(1)
0
0
0
0
2K cycles
16 ms
0
0
0
1
4K cycles
32 ms
0
0
1
0
8K cycles
64 ms
0
0
1
1
16K cycles
0.13s
0
1
0
0
32K cycles
0.26s
0
1
0
1
64K cycles
0.51s
0
1
1
0
128K cycles
1.0s
0
1
1
1
256K cycles
2.0s
1
0
0
0
512K cycles
4.1s
1
0
0
1
1024K cycles
8.2s
101
0
Reserved
101
1
110
0
110
1
111
0
111
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com