Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega16HVB Datasheet(PDF) 20 Page - ATMEL Corporation

Part # ATmega16HVB
Description  8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
PDF  273 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16HVB Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button ATmega16HVB Datasheet HTML 16Page - ATMEL Corporation ATmega16HVB Datasheet HTML 17Page - ATMEL Corporation ATmega16HVB Datasheet HTML 18Page - ATMEL Corporation ATmega16HVB Datasheet HTML 19Page - ATMEL Corporation ATmega16HVB Datasheet HTML 20Page - ATMEL Corporation ATmega16HVB Datasheet HTML 21Page - ATMEL Corporation ATmega16HVB Datasheet HTML 22Page - ATMEL Corporation ATmega16HVB Datasheet HTML 23Page - ATMEL Corporation ATmega16HVB Datasheet HTML 24Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 273 page
background image
20
8042A–AVR–07/09
ATmega16HVB/32HVB
the I/O addresses 0x00 - 0x3F must be used. When addressing I/O Registers as data space
using LD and ST instr u ction s , 0x2 0 must be adde d to t h e s e ad dre s ses. The
ATmega16HVB/32HVB is a complex microcontroller with more peripheral units than can be sup-
ported within the 64 location reserved in Opcode for the IN and OUT instructions. For the
Extended I/O space from 0x60 - 0xFF in SRAM, only the ST/STS/STD and LD/LDS/LDD instruc-
tions can be used.
For compatibility with future devices, reserved bits should be written to zero if accessed.
Reserved I/O memory addresses should never be written.
Some of the status flags are cleared by writing a logical one to them. Note that the CBI and SBI
instructions will only operate on the specified bit, and can therefore be used on registers contain-
ing such status flags. The CBI and SBI instructions work with registers 0x00 to 0x1F only.
The I/O and peripherals control registers are explained in later sections.
8.5.1
General Purpose I/O Registers
The ATmega16HVB/32HVB contains three General Purpose I/O Registers. These registers can
be used for storing any information, and they are particularly useful for storing global variables
and Status Flags. General Purpose I/O Registers within the address range 0x00 - 0x1F are
directly bit-accessible using the SBI, CBI, SBIS, and SBIC instructions.
8.6
Register Description
8.6.1
EEARH and EEARL– The EEPROM Address Register High and Low
• Bits 15:10 – Res: Reserved Bits
These bits are reserved bits in the ATmega16HVB/32HVB and will always read as zero.
• Bits 9:0 – EEAR9:0: EEPROM Address
The EEPROM Address Registers – EEAR specify the EEPROM address in the 512/1K bytes
EEPROM space. The EEPROM data bytes are addressed linearly between 0 and 511/1023.
The initial value of EEAR is undefined. A proper value must be written before the EEPROM may
be accessed.
8.6.2
EEDR – The EEPROM Data Register
Bit
151413
121110
9
8
0x22 (0x42)
EEAR9
EEAR8
EEARH
0x21 (0x41)
EEAR7
EEAR6
EEAR5
EEAR4
EEAR3
EEAR2
EEAR1
EEAR0
EEARL
Bit
765
432
10
Read/Write
RR
RRR
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
X
X
X
XXX
XXX
X
Bit
765
432
10
0x20 (0x40)
MSB
LSB
EEDR
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com