Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega16HVB Datasheet(PDF) 94 Page - ATMEL Corporation

Part # ATmega16HVB
Description  8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
PDF  273 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16HVB Datasheet(HTML) 94 Page - ATMEL Corporation

Back Button ATmega16HVB Datasheet HTML 90Page - ATMEL Corporation ATmega16HVB Datasheet HTML 91Page - ATMEL Corporation ATmega16HVB Datasheet HTML 92Page - ATMEL Corporation ATmega16HVB Datasheet HTML 93Page - ATMEL Corporation ATmega16HVB Datasheet HTML 94Page - ATMEL Corporation ATmega16HVB Datasheet HTML 95Page - ATMEL Corporation ATmega16HVB Datasheet HTML 96Page - ATMEL Corporation ATmega16HVB Datasheet HTML 97Page - ATMEL Corporation ATmega16HVB Datasheet HTML 98Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 273 page
background image
94
8042A–AVR–07/09
ATmega16HVB/32HVB
17.10 Register Description
17.10.1
TCCRnA – Timer/Counter n Control Register A
• Bit 7– TCWn: Timer/Counter Width
When this bit is written to one 16-bit mode is selected. Timer/Counter n width is set to 16-bits
and the Output Compare Registers OCRnA and OCRnB are combined to form one 16-bit Output
Compare Register. Because the 16-bit registers TCNTnH/L and OCRnB/A are accessed by the
AVR CPU via the 8-bit data bus, special procedures must be followed. These procedures are
described in section ”Accessing Registers in 16-bit Mode” on page 90.
• Bit 6– ICENn: Input Capture Mode Enable
The Input Capture Mode is enabled when this bit is written to one.
• Bit 5 – ICNCn: Input Capture Noise Canceler
Setting this bit activates the Input Capture Noise Canceler. When the noise canceler is acti-
vated, the input from the Input Capture Source is filtered. The filter function requires four
successive equal valued samples of the Input Capture Source for changing its output. The Input
Capture is therefore delayed by four System Clock cycles when the noise canceler is enabled.
• Bit 4 – ICESn: Input Capture Edge Select
This bit selects which edge on the Input Capture Source that is used to trigger a capture event.
When the ICESn bit is written to zero, a falling (negative) edge is used as trigger, and when the
ICESn bit is written to one, a rising (positive) edge will trigger the capture. When a capture is trig-
gered according to the ICESn setting, the counter value is copied into the Input Capture
Register. The event will also set the Input Capture Flag (ICFn), and this can be used to cause an
Input Capture Interrupt, if this interrupt is enabled.
• Bit 3 - ICSn: Input Capture Select
When written logic one, this bit enables the input capture function in Timer/Counter n to be trig-
gered by the alternative Input Capture Source. To make the comparator trigger the
Timer/Counter n Input Capture interrupt, the TICIEn bit in the Timer Interrupt Mask Register
(TIMSK) must be set. See Table 17-3 on page 88 and Table 17-4 on page 88.
• Bits 2:0 – Res: Reserved Bits
These bits are reserved bits in the ATmega16HVB/32HVB and will always read as zero.
• Bit 0 – WGMn0: Waveform Generation Mode
This bit controls the counting sequence of the counter, the source for maximum (TOP) counter
value, see Figure 17-6 on page 89. Modes of operation supported by the Timer/Counter unit are:
Normal mode (counter) and Clear Timer on Compare Match (CTC) mode (see ”Timer/Counter
Timing Diagrams” on page 89).
Bit
765
43
21
0
0x24 (0x44)
TCWn
ICENn
ICNCn
ICESn
ICSn
–
–
WGMn0
TCCRnA
Read/Write
R/W
R/W
R/W
R/W
R/W
R
R
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com