Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega16HVB Datasheet(PDF) 36 Page - ATMEL Corporation

Part # ATmega16HVB
Description  8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
PDF  273 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16HVB Datasheet(HTML) 36 Page - ATMEL Corporation

Back Button ATmega16HVB Datasheet HTML 32Page - ATMEL Corporation ATmega16HVB Datasheet HTML 33Page - ATMEL Corporation ATmega16HVB Datasheet HTML 34Page - ATMEL Corporation ATmega16HVB Datasheet HTML 35Page - ATMEL Corporation ATmega16HVB Datasheet HTML 36Page - ATMEL Corporation ATmega16HVB Datasheet HTML 37Page - ATMEL Corporation ATmega16HVB Datasheet HTML 38Page - ATMEL Corporation ATmega16HVB Datasheet HTML 39Page - ATMEL Corporation ATmega16HVB Datasheet HTML 40Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 273 page
background image
36
8042A–AVR–07/09
ATmega16HVB/32HVB
Figure 10-1. Sleep Mode State Diagram
.
RESET
Active
Power-off
Power-save
Interrupt
Sleep
Reset From all States
Except Power-on Reset
Reset Time-out
Sleep
or
Black-out
Detection
Charger Connected
Idle
Interrupt
Sleep
Black-out
Detection
Black-out
Detection
ADC NRM
Black-out
Detection
Sleep
Interrupt
Table 10-2.
Active modules in different Sleep Modes
Module
Mode
Active
Idle
ADC Noise
Reduction
Power-save
Power-off
RCOSC_FAST
X
X
X
X
RCOSC_ULP
X
X
X
X
RCOSC_SLOW
X(1)
X(1)
OSI
X
X
CPU
X
Flash
X
8-bit Timer/16-bit Timer
X
X
TWI/SMBus
X
X
X(2)
X(2)
SPI
X
X
V-ADC
X
X
X
CC-ADC
X
X
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com