Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega16HVB Datasheet(PDF) 27 Page - ATMEL Corporation

Part # ATmega16HVB
Description  8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
PDF  273 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16HVB Datasheet(HTML) 27 Page - ATMEL Corporation

Back Button ATmega16HVB Datasheet HTML 23Page - ATMEL Corporation ATmega16HVB Datasheet HTML 24Page - ATMEL Corporation ATmega16HVB Datasheet HTML 25Page - ATMEL Corporation ATmega16HVB Datasheet HTML 26Page - ATMEL Corporation ATmega16HVB Datasheet HTML 27Page - ATMEL Corporation ATmega16HVB Datasheet HTML 28Page - ATMEL Corporation ATmega16HVB Datasheet HTML 29Page - ATMEL Corporation ATmega16HVB Datasheet HTML 30Page - ATMEL Corporation ATmega16HVB Datasheet HTML 31Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 273 page
background image
27
8042A–AVR–07/09
ATmega16HVB/32HVB
When this Oscillator is selected, start-up times are determined by the SUT Fuses as shown in
Table 9-2 on page 27.
Notes:
1. The device is shipped with this option selected.
2. The actual value of the added, selectable 4- 512 ms delay depends on the actual frequency of
the ”Ultra Low Power RC Oscillator” on page 27. See Table 9-3 on page 28 and ”Electrical
Characteristics” on page 228
9.2.2
Slow RC Oscillator
The Slow RC Oscillator provides a 131 kHz clock (typical value, refer to section ”Electrical Char-
acteristics” on page 228). This clock can be used as a timing reference for run-time calibration of
the Fast RC Oscillator and for accurately determining the actual ULP Oscillator frequency, refer
to ”OSI – Oscillator Sampling Interface” on page 29 for details.
To provide good accuracy when used as a timing reference, the Slow RC Oscillator has calibra-
tion bytes stored in the signature address space, refer to section ”Reading the Signature Row
from Software” on page 199 for details. The actual clock period of the Slow RC Oscillator in
μs
as a function of temperature is given by:
where T is the die temperature in Kelvin and T
HOT is the calibration temperature stored in the sig-
nature row. The die temperature can be found using the Voltage ADC, refer to section ”Voltage
ADC – 7-channel General Purpose 12-bit Sigma-Delta ADC” on page 117 for details.
9.2.3
Ultra Low Power RC Oscillator
The Ultra Low Power RC Oscillator (ULP Oscillator) provides a 128 kHz clock (typical value,
refer to section ”Electrical Characteristics” on page 228). This oscillator provides the clock for
the Watchdog Timer and Battery Protection modules. The actual ULP Oscillator frequency
depends on process variations and temperature, see ”Electrical Characteristics” on page 228.
The Oscillator is automatically enabled in all operational modes. It is also enabled during reset.
There are two alternative methods for determining the actual clock period of the ULP Oscillator:
Table 9-2.
Start-up times for the calibrated Fast RC Oscillator clock selection
SUT2:0
Start-up Time from
Power-save
Additional Delay from Reset, Typical Values(2)
000
6 CK
14 CK + 4 ms
001
6 CK
14 CK + 8 ms
010
6 CK
14 CK + 16 ms
011
6 CK
14 CK + 32 ms
100
6 CK
14 CK + 64 ms
101
6 CK
14 CK + 128 ms
110
6 CK
14 CK + 256 ms
111(1)
6 CK
14 CK + 512 ms
Slow RC period
Slow RC word - Slow RC temp prediction word
(TT
HOT)
–
64
---------------------------
⋅
1024
------------------------------------------------------------------------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com