Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega16HVB Datasheet(PDF) 26 Page - ATMEL Corporation

Part # ATmega16HVB
Description  8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
PDF  273 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16HVB Datasheet(HTML) 26 Page - ATMEL Corporation

Back Button ATmega16HVB Datasheet HTML 22Page - ATMEL Corporation ATmega16HVB Datasheet HTML 23Page - ATMEL Corporation ATmega16HVB Datasheet HTML 24Page - ATMEL Corporation ATmega16HVB Datasheet HTML 25Page - ATMEL Corporation ATmega16HVB Datasheet HTML 26Page - ATMEL Corporation ATmega16HVB Datasheet HTML 27Page - ATMEL Corporation ATmega16HVB Datasheet HTML 28Page - ATMEL Corporation ATmega16HVB Datasheet HTML 29Page - ATMEL Corporation ATmega16HVB Datasheet HTML 30Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 273 page
background image
26
8042A–AVR–07/09
ATmega16HVB/32HVB
9.1.4
Voltage ADC Clock – clk
VADC
The Voltage ADC is provided with a dedicated clock domain. The VADC clock is automatically
prescaled relative to the System Clock Prescalers setting by the VADC Prescaler, giving a fixed
VADC clock at 1 MHz.
9.1.5
Coulomb Counter ADC Clock - clk
CCADC
The Coulomb Counter ADC is provided with a dedicated clock domain. This allows operating the
Coulomb Counter ADC in low power modes like Power-save for continuous current
measurements.
9.1.6
Watchdog Timer and Battery Protection Clock
The Watchdog Timer and Battery Protection are provided with a dedicated clock domain. This
allows operation in all modes except Power-off. It also allows very low power operation by utiliz-
ing an Ultra Low Power RC Oscillator dedicated to this purpose.
9.2
Clock Sources
The following section describes the clock sources available in the device. The clocks are input to
the AVR clock generator, and routed to the appropriate modules.
The ATmega16HVB/32HVB has 3 on-board oscillator used to clock the internal logic. Table 9-1
shows the clock sources and their usage.
9.2.1
Calibrated Fast RC Oscillator
The calibrated Fast RC Oscillator by default provides a 8.0 MHz clock. The frequency is nominal
value at 25
°C. This clock will operate with no external components. During reset, hardware
loads the calibration byte into the FOSCCAL Register and thereby automatically calibrates the
Fast RC Oscillator. At 25
°C, this calibration gives a frequency of 8 MHz ± 1%. The oscillator can
be calibrated to any frequency in the range 7.3 - 8.1 MHz by changing the FOSCCAL register.
For more information on the pre-programmed calibration value, see the section ”Reading the
Signature Row from Software” on page 199. Note that the frequency of the system clock is given
by the ”System Clock Prescaler” on page 28.
Table 9-1.
Available Clock Sources.
Clock Source
Usage
Calibrated Fast RC Oscillator
The clock source for the CPU, I/O, Flash, and Voltage ADC.
Ultra Low Power RC Oscillator
The clock source for the Watchdog Timer, Battery Protection,
Coulomb Counter ADC, Bandgap Buffer Short Circuit Detector,
and SMBus Connect/Disconnect.
Slow RC Oscillator
Used by the Oscillator Sampling Interface (OSI).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com