Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega16HVB Datasheet(PDF) 76 Page - ATMEL Corporation

Part # ATmega16HVB
Description  8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
PDF  273 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16HVB Datasheet(HTML) 76 Page - ATMEL Corporation

Back Button ATmega16HVB Datasheet HTML 72Page - ATMEL Corporation ATmega16HVB Datasheet HTML 73Page - ATMEL Corporation ATmega16HVB Datasheet HTML 74Page - ATMEL Corporation ATmega16HVB Datasheet HTML 75Page - ATMEL Corporation ATmega16HVB Datasheet HTML 76Page - ATMEL Corporation ATmega16HVB Datasheet HTML 77Page - ATMEL Corporation ATmega16HVB Datasheet HTML 78Page - ATMEL Corporation ATmega16HVB Datasheet HTML 79Page - ATMEL Corporation ATmega16HVB Datasheet HTML 80Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 273 page
background image
76
8042A–AVR–07/09
ATmega16HVB/32HVB
• MOSI/PCINT10 - Port B, Bit6
MOSI, SPI Master Data output: Slave Data input for SPI channel. When the SPI is enabled as a
Slave, this pin is configured as an input regardless of the setting of DDB6. When the SPI is
enabled as a Master, the data direction of this pin is controlled by DDB6. When the pin is forced
by the SPI to be an input, the pull-up can still be controlled by the PORTB6 bit. When not operat-
ing in SPI mode, this pin can serve as an external interrupt source.
PCINT10: Pin Change Interrupt 10. This pin can serve as external interrupt source.
• SCK/PCINT9 - Port B, Bit5
SCK, Master Clock output: Slave Clock input pin for SPI channel. When the SPI is enabled as a
Slave, this pin is configured as an input regardless of the setting of DDB5. When the SPI is
enabled as a Master, the data direction of this pin is controlled by DDB5. When the pin is forced
by the SPI to be an input, the pull-up can still be controlled by the PORTB5 bit.
PCINT9: Pin Change Interrupt 9. This pin can serve as external interrupt source.
•SS/PCINT8 - Port B, Bit4
SS, Slave Select input: When the SPI is enabled as a Slave, this pin is configured as an input
regardless of the setting of DDB4. As a Slave, the SPI is activated when this pin is driven low.
When the SPI is enabled as a Master, the data direction of this pin is controlled by DDB4. When
the pin is forced by the SPI to be an input, the pull-up can still be controlled by the PORTB4 bit.
When not operating in SPI mode, this pin can serve as Clock Output, CPU Clock divided by 2.
See ”Clock Output” on page 28.
PCINT8: Pin Change Interrupt 8. This pin can serve as external interrupt source.
• PCINT7 - Port B, Bit3
PCINT7: Pin Change Interrupt 7. This pin can serve as external interrupt source.
• PCINT6 - Port B, Bit2
PCINT6: Pin Change Interrupt 6. This pin can serve as external interrupt source.
• CKOUT/PCINT5 - Port B, Bit1
CKOUT: Clock output. This pin can serve as clock output pin.
PCINT5: Pin Change Interrupt 5. This pin can serve as external interrupt source.
• ICP00/PCINT4 - Port B, Bit0
ICP00: Input Capture Timer/Counter0. This pin can serve as Input Capture Trigger for
Timer/Counter0
PCINT4: Pin Change Interrupt 4. This pin can serve as external interrupt source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com