Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega16HVB Datasheet(PDF) 54 Page - ATMEL Corporation

Part # ATmega16HVB
Description  8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
PDF  273 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16HVB Datasheet(HTML) 54 Page - ATMEL Corporation

Back Button ATmega16HVB Datasheet HTML 50Page - ATMEL Corporation ATmega16HVB Datasheet HTML 51Page - ATMEL Corporation ATmega16HVB Datasheet HTML 52Page - ATMEL Corporation ATmega16HVB Datasheet HTML 53Page - ATMEL Corporation ATmega16HVB Datasheet HTML 54Page - ATMEL Corporation ATmega16HVB Datasheet HTML 55Page - ATMEL Corporation ATmega16HVB Datasheet HTML 56Page - ATMEL Corporation ATmega16HVB Datasheet HTML 57Page - ATMEL Corporation ATmega16HVB Datasheet HTML 58Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 273 page
background image
54
8042A–AVR–07/09
ATmega16HVB/32HVB
When the BOOTRST Fuse is unprogrammed, the Boot section size set to 4K bytes and the IVSEL bit in the MCUCR Reg-
ister is set before any interrupts are enabled, the most typical and general program setup for the Reset and Interrupt Vector
Addresses is:
Address
Labels
Code
Comments
0x0000
RESET:
ldi
r16,high(RAMEND); Main program start
0x0001
out
SPH,r16
; Set Stack Pointer to top of RAM
0x0002
ldi
r16,low(RAMEND)
0x0003
out
SPL,r16
0x0004
sei
; Enable interrupts
0x0005
<instr>
xxx
;
.org 0x4C02
0x4C02
jmp
BPINT
; Battery Protection Interrupt Handler
0x4C04
jmp
EXT_INT0
; External Interrupt Request 0 Handler
...
...
...
;
0x4C2C
jmp
SPM_RDY
; Store Program Memory Ready Handler
When the BOOTRST Fuse is programmed and the Boot section size set to 4K bytes, the most typical and general program
setup for the Reset and Interrupt Vector Addresses is:
Address
Labels
Code
Comments
.org 0x0002
0x0002
jmp
BPINT
; Battery Protection Interrupt Handler
0x0004
jmp
EXT_INT0
; External Interrupt Request 0 Handler
0x001C
jmp
TIM1_COMPB
; Timer1 Compare B Handler
0x001E
jmp
TIM1_OVF
; Timer1 Overflow Handler
0X0020
jmp
TIM0_IC
; Timer0 Input Capture Handler
0x0022
jmp
TIM0_COMPA
; Timer0 CompareA Handler
0x0024
jmp
TIM0_COMPB
; Timer0 CompareB Handler
0x0026
jmp
TIM0_OVF
; Timer0 Overflow Handler
0x0028
jmp
TWI_BUS_CD
; Two-wire Bus Connect/Disconnect Handler
0x002A
jmp
TWI
; Two-wire Serial Interface Handler
0x002C
jmp
SPI, STC
; SPI, Serial Transfer Complete
0x002E
jmp
VADC
; Voltage ADC Conversion Complete Handler
0x0030
jmp
CCADC_CONV
; CC-ADC Instantaneous Current Conversion Complete Handler
0x0032
jmp
CCADC_REC_CUR
; CC-ADC Regular Current Handler
0x0034
jmp
CCADC_ACC
; CC-ADC Accumulate Current Conversion Complete Handler
0x0036
jmp
EE_RDY
; EEPROM Ready Handler
0x0038
jmp
SPM
; Store Program Memory Ready Handler
;
0x003A
RESET:
ldi
r16, high(RAMEND)
; Main program start
0x003B
out
SPH,r16
; Set Stack Pointer to top of RAM
0x003C
ldi
r16, low(RAMEND)
0x003D
out
SPL,r16
0x003E
sei
; Enable interrupts
0x003F
<instr>
xxx
0x0040
...
...
...
;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com