Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega16HVB Datasheet(PDF) 38 Page - ATMEL Corporation

Part # ATmega16HVB
Description  8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
PDF  273 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16HVB Datasheet(HTML) 38 Page - ATMEL Corporation

Back Button ATmega16HVB Datasheet HTML 34Page - ATMEL Corporation ATmega16HVB Datasheet HTML 35Page - ATMEL Corporation ATmega16HVB Datasheet HTML 36Page - ATMEL Corporation ATmega16HVB Datasheet HTML 37Page - ATMEL Corporation ATmega16HVB Datasheet HTML 38Page - ATMEL Corporation ATmega16HVB Datasheet HTML 39Page - ATMEL Corporation ATmega16HVB Datasheet HTML 40Page - ATMEL Corporation ATmega16HVB Datasheet HTML 41Page - ATMEL Corporation ATmega16HVB Datasheet HTML 42Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 273 page
background image
38
8042A–AVR–07/09
ATmega16HVB/32HVB
Note that if a level triggered interrupt is used for wake-up from Power-save mode, the changed
level must be held for some time to wake up the MCU. Refer to ”External Interrupts” on page 58
for details.
When waking up from Power-save mode, there is a delay from the wake-up condition occurs
until the wake-up becomes effective. This allows the clock to restart and become stable after
having been stopped. The wake-up period is defined in ”Clock Sources” on page 26.
10.5
Power-off Mode
When the SM2..0 bits are written to 100 and the SE bit is set, the SLEEP instruction makes the
CPU shut down the Voltage Regulator, leaving only the Charger Detect Circuitry operational. To
ensure that the MCU enters Power-off mode only when intended, the SLEEP instruction must be
executed within 4 clock cycles after the SM2..0 bits are written. The MCU will reset when return-
ing from Power-off mode.
Note:
Before entering Power-off sleep mode, interrupts should be disabled by software. Otherwise inter-
rupts may prevent the SLEEP instruction from being executed within the time limit.
10.6
Power Reduction Register
The Power Reduction Register (PRR), see ”PRR0 – Power Reduction Register 0” on page 40,
provides a method to stop the clock to individual peripherals to reduce power consumption. The
current state of the peripheral is frozen and the I/O registers can not be read or written.
Resources used by the peripheral when stopping the clock will remain occupied, hence the
peripheral should in most cases be disabled before stopping the clock. Waking up a module,
which is done by clearing the bit in PRR, puts the module in the same state as before shutdown.
Module shutdown can be used in Idle mode and Active mode to significantly reduce the overall
power consumption. In all other sleep modes, the clock is already stopped.
10.7
Minimizing Power Consumption
There are several issues to consider when trying to minimize the power consumption in an AVR
controlled system. In general, sleep modes should be used as much as possible, and the sleep
mode should be selected so that as few as possible of the device’s functions are operating. All
functions not needed should be disabled. In particular, the following modules may need special
consideration when trying to achieve the lowest possible power consumption.
10.7.1
Watchdog Timer
If the Watchdog Timer is not needed in the application, the module should be turned off. If the
Watchdog Timer is enabled, it will be enabled in all sleep modes except Power-off. The Watch-
dog Timer current consumption is significant only in Power-save mode. Refer to ”Watchdog
Timer” on page 46 for details on how to configure the Watchdog Timer.
10.7.2
Port Pins
When entering a sleep mode, all port pins should be configured to use minimum power. The
most important is then to ensure that no pins drive resistive loads. In sleep modes where both
the I/O clock (clk
I/O) and the ADC clock (clkADC) are stopped, the input buffers of the device will
be disabled. This ensures that no power is consumed by the input logic when not needed. In
some cases, the input logic is needed for detecting wake-up conditions, and it will then be
enabled. Refer to the section ”Digital Input Enable and Sleep Modes” on page 71 for details on
which pins are enabled. If the input buffer is enabled and the input signal is left floating or have
an analog signal level close to V
REG/2, the input buffer will use excessive power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com