Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega16HVB Datasheet(PDF) 95 Page - ATMEL Corporation

Part # ATmega16HVB
Description  8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
PDF  273 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16HVB Datasheet(HTML) 95 Page - ATMEL Corporation

Back Button ATmega16HVB Datasheet HTML 91Page - ATMEL Corporation ATmega16HVB Datasheet HTML 92Page - ATMEL Corporation ATmega16HVB Datasheet HTML 93Page - ATMEL Corporation ATmega16HVB Datasheet HTML 94Page - ATMEL Corporation ATmega16HVB Datasheet HTML 95Page - ATMEL Corporation ATmega16HVB Datasheet HTML 96Page - ATMEL Corporation ATmega16HVB Datasheet HTML 97Page - ATMEL Corporation ATmega16HVB Datasheet HTML 98Page - ATMEL Corporation ATmega16HVB Datasheet HTML 99Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 273 page
background image
95
8042A–AVR–07/09
ATmega16HVB/32HVB
17.10.2
TCNTnL – Timer/Counter n Register Low Byte
The Timer/Counter Register TCNTnL gives direct access, both for read and write operations, to
the Timer/Counter unit 8-bit counter. Writing to the TCNTnL Register blocks (disables) the Com-
pare Match on the following timer clock. Modifying the counter (TCNTnL) while the counter is
running, introduces a risk of missing a Compare Match between TCNTnL and the OCRnx Regis-
ters. In 16-bit mode the TCNTnL register contains the lower part of the 16-bit Timer/Counter n
Register.
17.10.3
TCNTnH – Timer/Counter n Register High Byte
When 16-bit mode is selected (the TCWn bit is set to one) the Timer/Counter Register TCNTnH
combined to the Timer/Counter Register TCNTnL gives direct access, both for read and write
operations, to the Timer/Counter unit 16-bit counter. To ensure that both the high and low bytes
are read and written simultaneously when the CPU accesses these registers, the access is per-
formed using an 8-bit temporary high byte register (TEMP). This temporary register is shared by
all the other 16-bit registers. See ”Accessing Registers in 16-bit Mode” on page 90.
17.10.4
OCRnA – Timer/Counter n Output Compare Register A
The Output Compare Register A contains an 8-bit value that is continuously compared with the
counter value (TCNTnL). A match can be used to generate an Output Compare interrupt.
In 16-bit mode the OCRnA register contains the low byte of the 16-bit Output Compare Register.
To ensure that both the high and the low bytes are written simultaneously when the CPU writes
to these registers, the access is performed using an 8-bit temporary high byte register (TEMP).
This temporary register is shared by all the other 16-bit registers. See ”Accessing Registers in
16-bit Mode” on page 90.
17.10.5
OCRnB – Timer/Counter n Output Compare Register B
The Output Compare Register B contains an 8-bit value that is continuously compared with the
counter value (TCNTnL in 8-bit mode and TCNTnH in 16-bit mode). A match can be used to
generate an Output Compare interrupt.
Bit
7
654
32
10
0x26 (0x46)
TCNTnL[7:0]
TCNTnL
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
7
654
32
10
0x27 (0x47)
TCNTnH[7:0]
TCNTnH
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
7
654
32
10
0x28 (0x48)
OCRnA[7:0]
OCRnA
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
7
654
32
10
0x29 (0x49)
OCRnB[7:0]
OCRnB
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com