Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega16HVB Datasheet(PDF) 75 Page - ATMEL Corporation

Part # ATmega16HVB
Description  8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
PDF  273 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16HVB Datasheet(HTML) 75 Page - ATMEL Corporation

Back Button ATmega16HVB Datasheet HTML 71Page - ATMEL Corporation ATmega16HVB Datasheet HTML 72Page - ATMEL Corporation ATmega16HVB Datasheet HTML 73Page - ATMEL Corporation ATmega16HVB Datasheet HTML 74Page - ATMEL Corporation ATmega16HVB Datasheet HTML 75Page - ATMEL Corporation ATmega16HVB Datasheet HTML 76Page - ATMEL Corporation ATmega16HVB Datasheet HTML 77Page - ATMEL Corporation ATmega16HVB Datasheet HTML 78Page - ATMEL Corporation ATmega16HVB Datasheet HTML 79Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 273 page
background image
75
8042A–AVR–07/09
ATmega16HVB/32HVB
These pins can serve as external interrupt sourceTable 15-4 relates the alternate functions of
Port A to the overriding signals shown in Figure 15-5 on page 72.
15.3.2
Alternate Functions of Port B
The Port B pins with alternate functions are shown in Table 15-5.
The alternate pin configuration is as follows:
• MISO/PCINT11 - Port B, Bit7
MISO, Master Data input: Slave Data output pin for SPI channel. When the SPI is enabled as a
Master, this pin is configured as an input regardless of the setting of DDB7. When the SPI is
enabled as a Slave, the data direction of this pin is controlled by DDB7. When the pin is forced
by the SPI to be an input, the pull-up can still be controlled by the PORTB7 bit. When not operat-
ing in SPI mode, this pin can serve as an external interrupt source.
PCINT11: Pin Change Interrupt 11. This pin can serve as external interrupt source.
Table 15-4.
Overriding Signals for Alternate Functions in PA3:PA0
Signal Name
PA3/T1/PCINT3
PA2/T0/PCINT2
PA1/ADC1/SGND/PCINT1
PA0/ADC0/SGND/PCINT0
PUOE
0
0
0
0
PUOV
0
0
0
0
DDOE
0
0
VADSC • VADMUX=ADC0
VADSC • VADMUX=ADC1
DDOV
0
0
1
1
PVOE
0
0
VADSC • VADMUX=ADC0
VADSC • VADMUX=ADC1
PVOV
0
0
0
0
PTOE
-
-
-
-
DIEOE
PCINT3 • PCIE0
PCINT2 • PCIE0
DIDR1| (PCINT1 • PCIE0)
DIDR0 | (PCINT0 • PCIE0)
DIEOV
1
1
DIDR1
DIDR0
DI
T1 INPUT
PCINT3 INPUT
T0 INPUT
PCINT2 INPUT
PCINT1 INPUT
PCINT0 INPUT
AIO
-
-
ADC1 INPUT/ SGND
ADC0 INPUT/ SGND
Table 15-5.
Port B Pins Alternate Functions
Port Pin
Alternate Functions
PB7
MISO/PCINT11 (SPI Bus Master Input/Slave Output or Pin Change Interrupt 11)
PB6
MOSI/PCINT10 (SPI Bus Master Output/Slave Input or Pin Change Interrupt 10)
PB5
SCK/PCINT9 (SPI Bus Serial Clock or Pin Change Interrupt 9)
PB4
SS/PCINT8 (SPI Bus Slave Select input or Pin Change Interrupt 8)
PB3
PCINT7 (Pin Change Interrupt 7)
PB2
PCINT6 (Pin Change Interrupt 6)
PB1
CKOUT/PCINT5 (Clock output or Pin Change Interrupt 5)
PB0
PCINT4/ICP00 (Pin Change Interrupt 4
or Timer/Counter0 Input Capture Trigger)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com