Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega16HVB Datasheet(PDF) 25 Page - ATMEL Corporation

Part # ATmega16HVB
Description  8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
PDF  273 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16HVB Datasheet(HTML) 25 Page - ATMEL Corporation

Back Button ATmega16HVB Datasheet HTML 21Page - ATMEL Corporation ATmega16HVB Datasheet HTML 22Page - ATMEL Corporation ATmega16HVB Datasheet HTML 23Page - ATMEL Corporation ATmega16HVB Datasheet HTML 24Page - ATMEL Corporation ATmega16HVB Datasheet HTML 25Page - ATMEL Corporation ATmega16HVB Datasheet HTML 26Page - ATMEL Corporation ATmega16HVB Datasheet HTML 27Page - ATMEL Corporation ATmega16HVB Datasheet HTML 28Page - ATMEL Corporation ATmega16HVB Datasheet HTML 29Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 273 page
background image
25
8042A–AVR–07/09
ATmega16HVB/32HVB
9.
System Clock and Clock Options
9.1
Clock Systems and their Distribution
Figure 9-1 presents the principal clock systems in the AVR and their distribution. All of the clocks
need not be active at a given time. In order to reduce power consumption, the clocks to modules
not being used can be halted by using different sleep modes, as described in ”Power Manage-
ment and Sleep Modes” on page 35. The clock systems are detailed below.
Figure 9-1.
Clock Distribution
9.1.1
CPU Clock – clk
CPU
The CPU clock is routed to parts of the system concerned with operation of the AVR core.
Examples of such modules are the General Purpose Register File, the Status Register and the
data memory holding the Stack Pointer. Halting the CPU clock inhibits the core from performing
general operations and calculations.
9.1.2
I/O Clock – clk
I/O
The I/O clock is used by the majority of the I/O modules. The I/O clock is also used by the Exter-
nal Interrupt module, but note that some external interrupts are detected by asynchronous logic,
allowing such interrupts to be detected even if the I/O clock is halted.
9.1.3
Flash Clock – clk
FLASH
The Flash clock controls operation of the Flash interface. The Flash clock is usually active simul-
taneously with the CPU clock.
Ultra Low Power
RC Oscillator
Watchdog Timer
Battery Protection
Reset Logic
CPU
CORE
RAM
FLASH and
EEPROM
Voltage
ADC
Other I/O
Modules
Coulomb Counter
ADC
AVR
Clock Control
Fast RC
Oscillator
clk
CPU
clk
FLASH
clk
VADC
clk
I/O
1/4
System Clock
Prescaler
VADC
Prescaler
Oscillator Sampling
Interface
Slow RC
Oscillator
clk
CCADC
TWI Disconnect
delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com