Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega16HVB Datasheet(PDF) 168 Page - ATMEL Corporation

Part # ATmega16HVB
Description  8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
PDF  273 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16HVB Datasheet(HTML) 168 Page - ATMEL Corporation

Back Button ATmega16HVB Datasheet HTML 164Page - ATMEL Corporation ATmega16HVB Datasheet HTML 165Page - ATMEL Corporation ATmega16HVB Datasheet HTML 166Page - ATMEL Corporation ATmega16HVB Datasheet HTML 167Page - ATMEL Corporation ATmega16HVB Datasheet HTML 168Page - ATMEL Corporation ATmega16HVB Datasheet HTML 169Page - ATMEL Corporation ATmega16HVB Datasheet HTML 170Page - ATMEL Corporation ATmega16HVB Datasheet HTML 171Page - ATMEL Corporation ATmega16HVB Datasheet HTML 172Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 273 page
background image
168
8042A–AVR–07/09
ATmega16HVB/32HVB
27.7
Transmission Modes
The TWI can operate in one of four major modes. These are named Master Transmitter (MT),
Master Receiver (MR), Slave Transmitter (ST) and Slave Receiver (SR). Several of these
modes can be used in the same application. As an example, the TWI can use MT mode to write
data into a TWI EEPROM, MR mode to read the data back from the EEPROM. If other masters
are present in the system, some of these might transmit data to the TWI, and then SR mode
would be used. It is the application software that decides which modes are legal.
The following sections describe each of these modes. Possible status codes are described
along with figures detailing data transmission in each of the modes. These figures contain the
following abbreviations:
S:
START condition
Rs:
REPEATED START condition
R:
Read bit (high level at SDA)
W:
Write bit (low level at SDA)
A:
Acknowledge bit (low level at SDA)
A:
Not acknowledge bit (high level at SDA)
Data:
8-bit data byte
P:
STOP condition
SLA:
Slave Address
In Figure 27-12 on page 171 to Figure 27-18 on page 180, circles are used to indicate that the
TWINT flag is set. The numbers in the circles show the status code held in TWSR, with the pres-
caler bits masked to zero. At these points, actions must be taken by the application to continue
or complete the TWI transfer. The TWI transfer is suspended until the TWINT flag is cleared by
software.
When the TWINT flag is set, the status code in TWSR is used to determine the appropriate soft-
ware action. For each status code, the required software action and details of the following serial
transfer are given in Table 27-2 on page 170 to Table 27-5 on page 179. Note that the prescaler
bits are masked to zero in these tables.
27.7.1
Master Transmitter Mode
In the Master Transmitter mode, a number of data bytes are transmitted to a slave receiver (see
Figure 27-11 on page 169). In order to enter a Master mode, a START condition must be trans-
mitted. The format of the following address packet determines whether Master Transmitter or
Master Receiver mode is to be entered. If SLA+W is transmitted, MT mode is entered, if SLA+R
is transmitted, MR mode is entered. All the status codes mentioned in this section assume that
the prescaler bits are zero or are masked to zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com