Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega16HVB Datasheet(PDF) 217 Page - ATMEL Corporation

Part # ATmega16HVB
Description  8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
PDF  273 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16HVB Datasheet(HTML) 217 Page - ATMEL Corporation

Back Button ATmega16HVB Datasheet HTML 213Page - ATMEL Corporation ATmega16HVB Datasheet HTML 214Page - ATMEL Corporation ATmega16HVB Datasheet HTML 215Page - ATMEL Corporation ATmega16HVB Datasheet HTML 216Page - ATMEL Corporation ATmega16HVB Datasheet HTML 217Page - ATMEL Corporation ATmega16HVB Datasheet HTML 218Page - ATMEL Corporation ATmega16HVB Datasheet HTML 219Page - ATMEL Corporation ATmega16HVB Datasheet HTML 220Page - ATMEL Corporation ATmega16HVB Datasheet HTML 221Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 273 page
background image
217
8042A–AVR–07/09
ATmega16HVB/32HVB
Table 30-13. Pin Name Mapping
Signal Name in
Programming Mode
Pin
Name
I/O
Function
RDY/BSY
PA0
O
0: Device is busy programming
1: Device is ready for new command.
BS1
PA1
I
Byte Select 1 (“0” selects low byte, “1” selects high byte).
BS2
PA2
I
Byte Select 2 (“0” selects low byte, “1” selects 2’nd high
byte).
PAGEL
PA3
I
Program Memory and EEPROM data Page Load.
RESET
RESET
I
DATA
PB7:0
I/O
Bi-directional Data bus (Output when OE is low).
WR
PC0
I
Write Pulse (Active low)
OE
PC1
I
Output Enable (Active low).
XTAL
PC2
I
XA0
PC3
I
XTAL Action Bit 0
XA1
PC4
I
XTAL Action Bit 1
Table 30-14. Pin Values Used to Enter Programming Mode
Pin
Symbol
Value
PB3
Prog_enable[3]
0
PB2
Prog_enable[2]
0
PB1
Prog_enable[1]
0
PB0
Prog_enable[0]
0
Table 30-15. XA1 and XA0 Coding
XA1
XA0
Action when XTAL1 is Pulsed
00
Load Flash or EEPROM Address (High or low address byte determined by
BS1).
0
1
Load Data (High or Low data byte for Flash determined by BS1).
1
0
Load Command
1
1
No Action, Idle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com