Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega16HVB Datasheet(PDF) 256 Page - ATMEL Corporation

Part # ATmega16HVB
Description  8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
PDF  273 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16HVB Datasheet(HTML) 256 Page - ATMEL Corporation

Back Button ATmega16HVB Datasheet HTML 252Page - ATMEL Corporation ATmega16HVB Datasheet HTML 253Page - ATMEL Corporation ATmega16HVB Datasheet HTML 254Page - ATMEL Corporation ATmega16HVB Datasheet HTML 255Page - ATMEL Corporation ATmega16HVB Datasheet HTML 256Page - ATMEL Corporation ATmega16HVB Datasheet HTML 257Page - ATMEL Corporation ATmega16HVB Datasheet HTML 258Page - ATMEL Corporation ATmega16HVB Datasheet HTML 259Page - ATMEL Corporation ATmega16HVB Datasheet HTML 260Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 273 page
background image
256
8042A–AVR–07/09
ATmega16HVB/32HVB
(0x7D)
Reserved
–
–
–
–
–
–
–
–
(0x7C)
VADMUX
–
–
–
–
VADMUX[3:0]
120
(0x7B)
Reserved
–
–
–
–
–
–
–
–
(0x7A)
VADCSR
–
–
–
–
VADEN
VADSC
VADCCIF
VADCCIE
120
(0x79)
VADCH
–
–
–
–
VADC Data Register High byte
121
(0x78)
VADCL
VADC Data Register Low byte
121
(0x77)
Reserved
–
–
–
–
–
–
–
–
(0x76)
Reserved
–
–
–
–
–
–
–
–
(0x75)
Reserved
–
–
–
–
–
–
–
–
(0x74)
Reserved
–
–
–
–
–
–
–
–
(0x73)
Reserved
–
–
–
–
–
–
–
–
(0x72)
Reserved
–
–
–
–
–
–
–
–
(0x71)
Reserved
–
–
–
–
–
–
–
–
(0x70)
Reserved
–
–
–
–
–
–
–
–
(0x6F)
TIMSK1
–
–
–
–
ICIE1
OCIE1B
OCIE1A
TOIE1
96
(0x6E)
TIMSK0
–
–
–
–
ICIE0
OCIE0B
OCIE0A
TOIE0
96
(0x6D)
Reserved
–
–
–
–
–
–
–
–
(0x6C)
PCMSK1
PCINT[15:8]
60
(0x6B)
PCMSK0
–
–
–
–
PCINT[3:0]
61
(0x6A)
Reserved
–
–
–
–
–
–
–
–
(0x69)
EICRA
ISC31
ISC30
ISC21
ISC20
ISC11
ISC10
ISC01
ISC00
58
(0x68)
PCICR
–
–
–
–
–
–PCIE1
PCIE0
60
(0x67)
Reserved
–
–
–
–
–
–
–
–
(0x66)
FOSCCAL
Fast Oscillator Calibration Register
32
(0x65)
Reserved
–
–
–
–
–
–
–
–
(0x64)
PRR0
–
PRTWI
PRVRM
–
PRSPI
PRTIM1
PRTIM0
PRVADC
40
(0x63)
Reserved
–
–
–
–
–
–
–
–
(0x62)
Reserved
–
–
–
–
–
–
–
–
(0x61)
CLKPR
CLKPCE
–
–
–
–
–
CLKPS1
CLKPS0
32
(0x60)
WDTCSR
WDIF
WDIE
WDP3
WDCE
WDE
WDP2
WDP1
WDP0
49
0x3F (0x5F)
SREG
I
T
H
S
V
N
Z
C
10
0x3E (0x5E)
SPH
SP15
SP14
SP13
SP12
SP11
SP10
SP9
SP8
13
0x3D (0x5D)
SPL
SP7
SP6
SP5
SP4
SP3
SP2
SP1
SP0
13
0x3C (0x5C)
Reserved
–
–
–
–
–
–
–
–
0x3B (0x5B)
Reserved
–
–
–
–
–
–
–
–
0x3A (0x5A)
Reserved
–
–
–
–
–
–
–
–
0x39 (0x59)
Reserved
–
–
–
–
–
–
–
–
0x38 (0x58)
Reserved
–
–
–
–
–
–
–
–
0x37 (0x57)
SPMCSR
SPMIE
RWWSB
SIGRD
CTPB
RFLB
PGWRT
PGERS
SPMEN
206
0x36 (0x56)
Reserved
–
–
–
–
–
–
–
–
0x35 (0x55)
MCUCR
–
–CKOE
PUD
–
–
IVSEL
IVCE
78/32
0x34 (0x54)
MCUSR
–
–
–
OCDRF
WDRF
BODRF
EXTRF
PORF
49
0x33 (0x53)
SMCR
–
–
–
–
SM[2:0]
SE
39
0x32 (0x52)
Reserved
–
–
–
–
–
–
–
–
0x31 (0x51)
DWDR
debugWIRE Data Register
190
0x30 (0x50)
Reserved
–
–
–
–
–
–
–
–
0x2F (0x4F)
Reserved
–
–
–
–
–
–
–
–
0x2E (0x4E)
SPDR
SPI Data Register
107
0x2D (0x4D)
SPSR
SPIF
WCOL
–
–
–
–
–SPI2X
106
0x2C (0x4C)
SPCR
SPIE
SPE
DORD
MSTR
CPOL
CPHA
SPR1
SPR0
105
0x2B (0x4B)
GPIOR2
General Purpose I/O Register 2
24
0x2A (0x4A)
GPIOR1
General Purpose I/O Register 1
24
0x29 (0x49)
OCR0B
Timer/Counter0 Output Compare Register B
95
0x28 (0x48)
OCR0A
Timer/Counter0 Output Compare Register A
95
0x27 (0x47)
TCNT0H
Timer/Counter0 (8 Bit) High Byte
95
0x26 (0x46)
TCNT0L
Timer/Counter0 (8 Bit) Low Byte
95
0x25 (0x45)
TCCR0B
–
–
–
–
–
CS02
CS01
CS00
81
0x24 (0x44)
TCCR0A
TCW0
ICEN0
ICNC0
ICES0
ICS0
–
–WGM00
94
0x23 (0x43)
GTCCR
TSM
–
–
–
–
–
–
PSRSYNC
0x22 (0x42)
EEARH
–
–
–
–
–
–
EEPROM High byte
20
0x21 (0x41)
EEARL
EEPROM Address Register Low Byte
20
0x20 (0x40)
EEDR
EEPROM Data Register
20
0x1F (0x3F)
EECR
–
–
EEPM1
EEPM0
EERIE
EEMPE
EEPE
EERE
21
0x1E (0x3E)
GPIOR0
General Purpose I/O Register 0
24
0x1D (0x3D)
EIMSK
–
–
–
–
INT3
INT2
INT1
INT0
59
0x1C (0x3C)
EIFR
–
–
–
–
INTF3
INTF2
INTF1
INTF0
59
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com