Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega16HVB Datasheet(PDF) 263 Page - ATMEL Corporation

Part # ATmega16HVB
Description  8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
PDF  273 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16HVB Datasheet(HTML) 263 Page - ATMEL Corporation

Back Button ATmega16HVB Datasheet HTML 259Page - ATMEL Corporation ATmega16HVB Datasheet HTML 260Page - ATMEL Corporation ATmega16HVB Datasheet HTML 261Page - ATMEL Corporation ATmega16HVB Datasheet HTML 262Page - ATMEL Corporation ATmega16HVB Datasheet HTML 263Page - ATMEL Corporation ATmega16HVB Datasheet HTML 264Page - ATMEL Corporation ATmega16HVB Datasheet HTML 265Page - ATMEL Corporation ATmega16HVB Datasheet HTML 266Page - ATMEL Corporation ATmega16HVB Datasheet HTML 267Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 273 page
background image
263
8042A–AVR–07/09
ATmega16HVB/32HVB
37. Packaging Information
37.1
44X1
TITLE
DRAWING NO.
R
REV.
Note: These drawings are for general information only. Refer to JEDEC Drawing MO-153BE.
2325 Orchard Parkway
San Jose, CA 95131
5/16/07
44X1, 44-lead, 4.4 mm Body Width, Plastic Thin Shrink
Small Outline Package (TSSOP)
44X1
A
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE
A
––
1.20
A1
0.05
–
b
0.17
–
0.27
C
0.09
–
0.20
D
10.90
11.00
11.10
E1
4.30
4.40
4.50
E
6.20
6.40
6.60
e
0.50 TYP
L
0.50
0.60
0.70
Ø
0o
–
8o
Side View
Top View
End View
Ø
1
44
2
3
L
C
E1
E
D
e
b
A
A1
0.15
TITLE
DRAWING NO.
R
REV.
Note: These drawings are for general information only. Refer to JEDEC Drawing MO-153BE.
2325 Orchard Parkway
San Jose, CA 95131
5/16/07
44X1, 44-lead, 4.4 mm Body Width, Plastic Thin Shrink
Small Outline Package (TSSOP)
44X1
A
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE
A
––
1.20
A1
0.05
–
0.15
b
0.17
–
0.27
C
0.09
–
0.20
D
10.90
11.00
11.10
E1
4.30
4.40
4.50
E
6.20
6.40
6.60
e
0.50 TYP
L
0.50
0.60
0.70
Ø
0o
–
8o
Side View
Top View
End View
Ø
1
44
2
3
L
C
E1
E
D
e
b
A
A1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com