Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7713 Datasheet(PDF) 26 Page - Sitronix Technology Co., Ltd.

Part # ST7713
Description  262K Color Single-Chip TFT Controller/Driver
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7713 Datasheet(HTML) 26 Page - Sitronix Technology Co., Ltd.

Back Button ST7713 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 25Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 26Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 27Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 28Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 29Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 30Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 159 page
background image
ST7713
Ver 1.6
2008-05
26
9. Function description
9.1 Interface type selection
The selection of given interfaces are done by setting P68, IM2, IM1, and IM0 pins as shown in following table.
Table 9.1.1 Selection of MCU interface
P68
IM2
IM1
IM0
Interface
Read back selection
-
0
-
-
3-line serial interface
Via the read instruction
0
1
0
0
8080 MCU 8-bit parallel
RDX strobe (8-bit read data and 8-bit read parameter)
0
1
0
1
8080 MCU 16-bit parallel
RDX strobe (16-bit read data and 8-bit read parameter)
0
1
1
0
8080 MCU 9-bit parallel
RDX strobe (9-bit read data and 8-bit read parameter)
0
1
1
1
8080 MCU 18-bit parallel
RDX strobe (18-bit read data and 8-bit read parameter)
-
0
-
-
3-line serial interface
Via the read instruction
1
1
0
0
6800 MCU 8-bit parallel
E strobe (8-bit read data and 8-bit read parameter)
1
1
0
1
6800 MCU 16-bit parallel
E strobe (16-bit read data and 8-bit read parameter)
1
1
1
0
6800 MCU 9-bit parallel
E strobe (9-bit read data and 8-bit read parameter)
1
1
1
1
6800 MCU 18-bit parallel
E strobe (18-bit read data and 8-bit read parameter)
Table 9.1.2 Pin connection according to various MCU interface
P68
IM2
IM1
IM0
Interface
RDX
WRX
D/CX
Read back selection
-
0
-
-
3-line serial interface
Note1
Note1
SCL
D[17:1]: unused, D0: SDA
0
1
0
0
8080 8-bit parallel
RDX
WRX
D/CX
D[17:8]: unused, D7-D0: 8-bit data
0
1
0
1
8080 16-bit parallel
RDX
WRX
D/CX
D[17:16]: unused, D15-D0: 16-bit
data
0
1
1
0
8080 9-bit parallel
RDX
WRX
D/CX
D[17:9]: unused, D8-D0: 9-bit data
0
1
1
1
8080 18-bit parallel
RDX
WRX
D/CX
D17-D0: 18-bit data
-
0
-
-
3-line serial interface
Note1
D/CX
SCL
D[17:1]: unused, D0: SDA
1
1
0
0
6800 8-bit parallel
E
WRX
RS
D[17:8]: unused, D7-D0: 8-bit data
1
1
0
1
6800 16-bit parallel
E
WRX
RS
D[17:16]: unused, D15-D0: 16-bit
data
1
1
1
0
6800 9-bit parallel
E
WRX
RS
D[17:9]: unused, D8-D0: 9-bit data
1
1
1
1
6800 18-bit parallel
E
WRX
RS
D17-D0: 18-bit data
Note 1. Unused pins can be open, or connected to DGND or VDDI.
9.2 8080-series MCU parallel interface (P68=’0’)
The MCU can use one of following interfaces: 11-lines with 8-data parallel interface, 12-lines with 9-data parallel interface,
19-line with 16-data parallel interface or 21-lines with 18-data parallel interface. The chip-select CSX (active low)
enables/disables the parallel interface. RESX (active low) is an external reset signal. WRX is the parallel data write
enable, RDX is the parallel data read enable and D[17:0] is parallel data bus.
The LCD driver reads the data at the rising edge of WRX signal. The D/CX is the data/command flag. When D/CX=’1’,
D[17:0] bits is either display data or command parameter. When D/C=’0’, D[17:0] bits is command.
The 6800-series bi-directional interface can be used for communication between the micro controller and LCD driver. The
selection of this interface is done when P68 pin is in low state (DGND). Interface bus width can be selected with IM2, IM1
and IM0. The interface functions of 8080-series parallel interface are given in following table.
Table 9.2.1 The function of 8080-series parallel interface
P68
IM2
IM1
IM0
Interface
D/CX
RDX
WRX
Read back selection
0
1
↑
Write 8-bit command (D7 to D0)
1
1
↑
Write 8-bit display data or 8-bit parameter (D7 to D0)
1
↑
1
Read 8-bit display data (D7 to D0)
0
1
0
0
8-bit
parallel
1
↑
1
Read 8-bit parameter or status (D7 to D0)
0
1
↑
Write 8-bit command (D7 to D0)
1
1
↑
Write 16-bit display data or 8-bit parameter (D15 to D0)
1
↑
1
Read 16-bit display data (D15 to D0)
0
1
0
1
16-bit
parallel
1
↑
1
Read 8-bit parameter or status (D7 to D0)
0
1
↑
Write 8-bit command (D7 to D0)
1
1
↑
Write 9-bit display data or 8-bit parameter (D8 to D0)
1
↑
1
Read 9-bit display data (D8 to D0)
0
1
1
0
9-bit
parallel
1
↑
1
Read 8-bit parameter or status (D7 to D0)
0
1
↑
Write 8-bit command (D7 to D0)
1
1
↑
Write 18-bit display data or 8-bit parameter (D17 to D0)
1
↑
1
Read 18-bit display data (D17 to D0)
0
1
1
1
18-bit
parallel
1
↑
1
Read 8-bit parameter or status (D7 to D0)
Note: applied for command code: DAh, DBh, DCh, 04h, 09h, 0Ah, 0Bh, 0Ch, 0Dh, 0Eh, 0Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com