Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7713 Datasheet(PDF) 53 Page - Sitronix Technology Co., Ltd.

Part # ST7713
Description  262K Color Single-Chip TFT Controller/Driver
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7713 Datasheet(HTML) 53 Page - Sitronix Technology Co., Ltd.

Back Button ST7713 Datasheet HTML 49Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 50Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 51Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 52Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 53Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 54Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 55Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 56Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 57Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 159 page
background image
ST7713
Ver 1.6
2008-05
53
9.9 RGB interface
9.9.1 General Description
The module uses 6, 16 and 18-bit parallel RGB interface which includes: VS, HS, DE, PCLK, D[17:0]. The interface is
activated after Power-On sequence (See section Power-On/Off Sequence)
Pixel clock (PCLK) is running all the time without stopping and it is used to enter VS, HS, DE and D[17:0] states at the rising
edge of the PCLK. The PCLK cannot be used as continues internal clock for other functions of the display module e.g.
Sleep-In mode etc.
Vertical synchronization (VS) is used to tell the driver when a new frame of the display is beginning. This is negative (‘0’,
low) active and its state is read by the driver at the rising edge of he PCLK signal.
Horizontal synchronization (HS) is used to tell the driver when a new line of the frame is beginning. This is negative (‘0’, low)
active and its state is read by the driver at the rising edge of the PCLK signal.
Data Enable (DE) is used to tell the driver when the RGB information will be transferred ti the driver. This is a positive (‘1’,
high) active and its state is read by the driver at the rising edge of the PCLK signal.
D[17:0] (18-bit: R5-R0, G5-G0 and B5-B0; 16-bit: R4-R0, G5-G0 and B4-B0) are used to tell what is the information of the
image that is transferred on the display (When DE=’1’ and at the rising edge of PCLK). D[17:0] can be ‘0’ (low) or ‘1’ (high).
These lines are read by the driver at the rising edge of the PCLK signal.
The PCLK cycle is described in the following figure.
Fig. 9.9.1 PCLK cycle
Note: PCLK is an unsynchronized signal (It can be stopped).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com