Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7713 Datasheet(PDF) 39 Page - Sitronix Technology Co., Ltd.

Part # ST7713
Description  262K Color Single-Chip TFT Controller/Driver
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7713 Datasheet(HTML) 39 Page - Sitronix Technology Co., Ltd.

Back Button ST7713 Datasheet HTML 35Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 36Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 37Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 38Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 39Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 40Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 41Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 42Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 43Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 159 page
background image
ST7713
Ver 1.6
2008-05
39
9.7 Data Transfer Modes
The module has three kinds color modes for transferring data to the display RAM. These are 12-bits color per pixel, 16-bits
color per pixel and 18-bits color per pixel. The data format is described for each interface. Data can be downloaded to the
frame memory by 2 methods.
9.7.1 Method 1
The Image data is sent to the frame memory in successive frame writes, each time the frame memory is filled, the frame
memory pointer is reset to the start point and the next frame is written.
9.7.2 Method 2
Image data is sent and at the end of each frame memory download, a command is sent to stop frame memory write. Then
start memory write command is sent, and a new frame is downloaded.
Note:
1) These apply to all data transfer Color modes on both serial and parallel interfaces.
2) The frame memory can contain both odd and even number of pixels for both methods. Only complete pixel data will be
stored in the frame memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com