Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7713 Datasheet(PDF) 75 Page - Sitronix Technology Co., Ltd.

Part # ST7713
Description  262K Color Single-Chip TFT Controller/Driver
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7713 Datasheet(HTML) 75 Page - Sitronix Technology Co., Ltd.

Back Button ST7713 Datasheet HTML 71Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 72Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 73Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 74Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 75Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 76Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 77Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 78Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 79Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 159 page
background image
ST7713
Ver 1.6
2008-05
75
9.11 Address Counter
The address counter sets the addresses of the display data RAM for writing and reading.
Data is written pixel-wise into the RAM matrix of DRIVER. The data for one pixel or two pixels is collected (RGB 6-6-6-bit),
according to the data formats. As soon as this pixel-data information is complete the “Write access” is activated on the RAM.
The locations of RAM are addressed by the address pointers. The address ranges are X=0 to X=131 (83h) and Y=0 to
Y=131 (83h). Addresses outside these ranges are not allowed. Before writing to the RAM, a window must be defined that
will be written. The window is programmable via the command registers XS, YS designating the start address and XE, YE
designating the end address.
For example the whole display contents will be written, the window is defined by the following values: XS=0 (0h) YS=0 (0h)
and XE=131 (83h), YE=131 (83h).
In vertical addressing mode (MV=1), the Y-address increments after each byte, after the last Y-address (Y=YE), Y wraps
around to YS and X increments to address the next column. In horizontal addressing mode (V=0), the X-address
increments after each byte, after the last X-address (X=XE), X wraps around to XS and Y increments to address the next
row. After the every last address (X=XE and Y=YE) the address pointers wrap around to address (X=XS and Y=YS).
For flexibility in handling a wide variety of display architectures, the commands “CASET, RASET” and ”MADCTL” (see
section 10 command list), define flags MX and MY, which allows mirroring of the X-address and Y-address. All
combinations of flags are allowed. Section 9.12 show the available combinations of writing to the display RAM. When MX,
MY and MV will be changed the data bust be rewritten to the display RAM.
For each image condition, the controls for the column and row counters apply as section 9.12 below:
Condition
Column Counter
Row Counter
When RAMWR/RAMRD command is accepted
Return to “Start
Column (XS)”
Return to “Start
Row (YS)”
Complete Pixel Read / Write action
Increment by 1
No change
The Column counter value is larger than “End Column (XE)”
Return to “Start
Column (XS)”
Increment by 1
The Column counter value is larger than “End Column (XE)” and
the Row counter value is larger than “End Row (YE)”
Return to “Start
Column (XS)”
Return to “Start
Row (YS)”
9.12. Memory Data Write/ Read Direction
The data is written in the order illustrated above. The Counter which dictates where in the physical memory the data is to be
written is controlled by “Memory Data Access Control” Command, bits B5 (MV), B6 (MX), B7 (MY) as described below.
Fig. 9.12.1 Data streaming order



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com