Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7713 Datasheet(PDF) 73 Page - Sitronix Technology Co., Ltd.

Part # ST7713
Description  262K Color Single-Chip TFT Controller/Driver
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7713 Datasheet(HTML) 73 Page - Sitronix Technology Co., Ltd.

Back Button ST7713 Datasheet HTML 69Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 70Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 71Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 72Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 73Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 74Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 75Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 76Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 77Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 159 page
background image
ST7713
Ver 1.6
2008-05
73
9.10.4.1 When using 132RGB x 132 resolution
When Vertical Scrolling Definition Parameters (TFA+VSA+BFA)=132. In this case, scrolling is applied as shown below.
1). Example for TFA =2, VSA=123, BFA=2, SSA=3, ML=0: Scrolling
2). Example for TFA =2, VSA=123, BFA=2, SSA=3, ML=1: Scrolling: TFA and BFT are exchanged
128 Columns
128 Columns
Scan
Order
BFA
VSA
TFA
00h 01h ---- ---- ---- ---- 7Eh 7Fh 83h
00h 00
01
02
0X 0Y
0Z
130
01h 10
11
12
1X 1Y
1Z
129
02h 20
21
2Z
128
|
30
31
|
|
40
|
|
|
|
W0 W1
WZ
7Fh X0 X1
XZ
3
80h Y0 Y1 Y2
YX YY YZ
2
81h Z0 Z1 Z2
ZX ZY ZZ
1
A1h
"Unused
area"
130 x 130 x 18 bit
Fram e RAM
00
01
02
0X 0Y
0Z
G2
10
11
12
1X 1Y
1Z
G3
X0 X1
XZ
G4
20
2Z
|
|
|
|
V0 V1
VZ
|
W0 W1
WZ G129
Y0 Y1 Y2
YX YY YZ G130
Z0 Z1 Z2
ZX ZY ZZ G131
130RGB x 130
LCD Panel
SSA
128 Columns
128 Columns
Scan
Order
TFA
VSA
BFA
00h 01h ---- ---- ---- ---- 7Eh 7Fh 83h
00h 00
01
02
0X 0Y
0Z
1
01h 10
11
12
1X 1Y
1Z
2
02h 20
21
2Z
3
|
30
31
|
|
40
|
|
|
|
W0 W1
WZ
7Fh X0 X1
XZ
128
80h Y0 Y1 Y2
YX YY YZ
129
81h Z0 Z1 Z2
ZX ZY ZZ
130
A1h
"Unused
area"
130 x 130 x 18 bit
Fram e RAM
00
01
02
0X 0Y
0Z
G2
10
11
12
1X 1Y
1Z
G3
30
31
3Z
G4
40
4Z
|
|
|
|
X0 X1
XZ
|
20
21
2Z G129
Y0 Y1 Y2
YX YY YZ G130
Z0 Z1 Z2
ZX ZY ZZ G131
130RGB x 130
LCD Panel
SSA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com