Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7713 Datasheet(PDF) 77 Page - Sitronix Technology Co., Ltd.

Part # ST7713
Description  262K Color Single-Chip TFT Controller/Driver
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7713 Datasheet(HTML) 77 Page - Sitronix Technology Co., Ltd.

Back Button ST7713 Datasheet HTML 73Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 74Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 75Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 76Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 77Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 78Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 79Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 80Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 81Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 159 page
background image
ST7713
Ver 1.6
2008-05
77
9.12.2 Frame Data Write Direction According to the MADCTL parameters (MV, MX and MY)
MADCTL
Parameter
Display Data
Direction
MV
MX
MY
Image in the Host
(MPU)
Image in the Driver
(DDRAM)
Normal
0
0
0
Y-Mirror
0
0
1
X-Mirror
0
1
0
X-Mirror
Y-Mirror
0
1
1
X-Y Exchange
1
0
0
X-Y Exchange
Y-Mirror
1
0
1
X-Y Exchange
X-Mirror
1
1
0
X-Y Exchange
X-Mirror
Y-Mirror
1
1
1
H/W position (0,0)
F
H/W position (0,0)
F
H/W position (0,0)
X-Y address (0,0)
X: RASET
Y: CASET
B
H/W position (0,0)
X-Y address (0,0)
X: RASET
Y: CASET
F
H/W position (0,0)
F
B
X-Y address (0,0)
X: CASET
Y: RASET
B
F
H/W position (0,0)
X-Y address (0,0)
X: CASET
Y: RASET
H/W position (0,0)
X-Y address (0,0)
X: CASET
Y: RASET
B
F
B
F
H/W position (0,0)
X-Y address (0,0)
X: CASET
Y: RASET
B
F
B
F
B
F
B
F
B
F
B
F
B
F
B
F
B
F
B
X-Y address (0,0)
X: RASET
Y: CASET
B
X-Y address (0,0)
X: RASET
Y: CASET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com