Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7713 Datasheet(PDF) 71 Page - Sitronix Technology Co., Ltd.

Part # ST7713
Description  262K Color Single-Chip TFT Controller/Driver
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7713 Datasheet(HTML) 71 Page - Sitronix Technology Co., Ltd.

Back Button ST7713 Datasheet HTML 67Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 68Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 69Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 70Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 71Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 72Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 73Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 74Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 75Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 159 page
background image
ST7713
Ver 1.6
2008-05
71
9.10.3 Normal Display On or Partial Mode On, Vertical Scroll Off
9.10.3.1 When using 132RGB x 132 resolution
In this mode, contents of the frame memory within an area where column pointer is 00h to 83h and page pointer is 000h to
083h is displayed.
To display a dot on leftmost top corner, store the dot data at (column pointer, row pointer) = (0, 0).
1). Example for Normal Display On (MX=MY=ML=’0’, SMX=SMY=’0’)
2). Example for Partial Display On (PSL[7:0]=03h,PEL[7:0]=7Eh, MX=MV=ML=’0’ ,SMX=SMY=’0’)
132 Columns
00h 01h ---- ---- ---- ---- 7Eh 7Fh 83h
00h 00
01
02
0X 0Y
0Z
1
01h 10
11
12
1X 1Y
1Z
2
02h 20
21
2Z
3
|
30
31
3Z
|
|
40
4Z
|
|
|
|
|
|
W0 W1
WZ
|
81h X0
X1
XZ
130
82h Y0 Y1 Y2
YX YY YZ
131
83h Z0
Z1
Z2
ZX ZY ZZ
132
A1h
"Unused
area"
132 x 132 x 18 bit
Frame RAM
132 Columns
Scan
Order
00 01 02
0X 0Y 0Z G2
10 11 12
1X 1Y 1Z G3
20 21
2Z G4
30 31
3Z
|
40
4Z
|
|
|
W0 W1
WZ
|
X0 X1
XZ G130
Y0 Y1 Y2
YX YY YZ G131
Z0 Z1 Z2
ZX ZY ZZ G132
132RGB x 132
LCD Panel
Non-Display
area =3 lines
Display area
=126 lines
Non-Display
area =3 lines
132 Columns
00h 01h ---- ---- ---- ---- 80h 81h 83h
00h 00
01
02
0X
0Y
0Z
1
01h 10
11
12
1X
1Y
1Z
2
02h 20
21
2Z
3
|
30
31
|
|
40
|
|
|
|
W0 W1
WZ
7Fh X0
X1
XZ
128
80h Y0
Y1
Y2
YX YY
YZ
129
81h Z0
Z1
Z2
ZX
ZY
ZZ
130
A1h
"Unused
area"
130 x 130 x 18 bit
Fr am e RAM
Scan
Order
00h 01h ---- ---- ---- ---- ---- 82h 83h
00
01
02
0X 0Y
0Z
G2
10
11
12
1X 1Y
1Z
G3
20
21
2Z
G4
30
31
3Z
|
40
4Z
|
|
|
W0 W1
WZ
|
X0 X1
XZ G130
Y0 Y1 Y2
YX YY YZ G131
Z0 Z1 Z2
ZX ZY ZZ G132
132RGB x 132
LCD Panel
132 Columns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com