Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7713 Datasheet(PDF) 16 Page - Sitronix Technology Co., Ltd.

Part # ST7713
Description  262K Color Single-Chip TFT Controller/Driver
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7713 Datasheet(HTML) 16 Page - Sitronix Technology Co., Ltd.

Back Button ST7713 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 159 page
background image
ST7713
Ver 1.6
2008-05
16
6.3 Mode selection pin
Name
I/O
Description
Count
Connect pin
EXTC
I
-To use extended command set, please connect this pin to VDDI.
-During normal operation, please open this pin (internal Rpull-down=2M ).
EXTC
Enable/disable modification of extend command
0
Only use default command set
1
Use extended command set
1
VDDI/DGND
GS
I
-Gamma curve selection pin.
GS
Selection of gamma curve
0
GC0=1.0, GC1=2.5, GC2=2.2, GC3=1.8
1
GC0=2.2, GC1=1.8, GC2=2.5, GC3=1.0
1
VDDI/DGND
IDM
I
-Normal mode and idle mode selection pin.
IDM
Enable/disable idle mode
0
Normal display (can be changed to Idle mode by
S/W)
1
Idle mode enable
1
VDDI/DGND
LCM1,
LCM0
I
-Liquid crystal (LC) type selection pins.
LCM[1:0]
Selection of LC type
00
0
TR (transflective) type LC
01
1
TM (transmissive) type LC
10
2
LV (low voltage) type LC
11
3
MVA (multi-domain vertical alignment) type LC
2
VDDI/DGND
RCM1,
RCM0
I
-RGB or MCU interface mode selection pins.
RCM[1:0]
Selection of MCU or RGB interface
00
0
MCU Interface
01
1
MCU Interface
10
2
RGB Interface (1)
11
3
RGB Interface (2)
2
VDDI/DGND
SRGB
I
-RGB arrangement selection pin for color filter design.
SRGB
RGB arrangement
0
S1, S2, S3 filter order = ’R’, ’G’, ’B’
1
S1, S2, S3 filter order = ‘B’, ‘G’, ‘R’
1
VDDI/DGND
SMX
I
-Scanning direction of source output selection pin.
SMX
Scanning direction of source output
0
S1 -> S396
1
S396 -> S1
1
VDDI/DGND
SMY
I
-Scanning direction of gate output selection pin.
SMY
Scanning direction of gate output
0
G1 -> G132
1
G132 -> G1
1
VDDI/DGND
REV
I
-Polarity of source output selection pin.
REV
Command
Polarity of source output
INVON(21h)
Data reverse
0
INVOFF(20h)
Data not reverse
INVON(21h)
Data not reverse
1
INVOFF(20h)
Data reverse
1
VDDI/DGND
SHUT
I
-Display On/Off control pin in RGB2 Interface
-Only used in RGB2 mode. If not used, please fix this pin at VDDI or
DGND.
SHUT
Display On/Off
0
Display On
1
Display Off
1
VDDI/DGND
RL
I
-Scanning direction of source output selection pin in RGB interface.
RL
SMX
Scanning direction of source output
0
0
S1 -> S396
0
1
S396 -> S1
1
0
S396 -> S1
1
1
S1 -> S396
1
VDDI/DGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com