Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7713 Datasheet(PDF) 65 Page - Sitronix Technology Co., Ltd.

Part # ST7713
Description  262K Color Single-Chip TFT Controller/Driver
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7713 Datasheet(HTML) 65 Page - Sitronix Technology Co., Ltd.

Back Button ST7713 Datasheet HTML 61Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 62Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 63Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 64Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 65Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 66Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 67Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 68Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 69Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 159 page
background image
ST7713
Ver 1.6
2008-05
65
9.9.6.5 Power OFF Sequence on RGB Mode 2
The Driver operates power off and display OFF by VDD, VDDI, SHUT, VS, HS and DE on RGB mode 2 as show as
following figure.
VDDI
VDD
RESX
SHUT
PCLK
HS
DE
VS
Display high
voltage
Display
Source output
Vcom output
Gate output
Internal counter
Internal
oscillator
Display off
Normal display
Display on
Normal display
Normal display
0V
0V
Blanking display (over 1 frame)
TVDD-VDDI
TOFF-VDD
TSH-OFF
Fig. 9.9.16 Power-OFF seqnence in RGB mode 2
Table 9.9.6.5 Power OFF AC Characteristics
Characteristics
Symbol
Min
Typ
Max
Unit
Remark
VDDI On to VDD On
TVDDI-VDD
0
ns
Note1
Signals input to VDDI/VDD off
TSH-OFF
1
us
Note2
Rising edge of SHUT to Display off
TSH-OFF
2
VS
Note 1: TVDDI-VDD can be <=0ns, >0ns. In any case, VDDI and VDD power up sequence should not have any impact on
the driver / display functionalities / performance.
Note 2: Signals mean VS, HS, DE and PCLK signal.
Note 3: DP=’0’, EP=’0’, HSP=’0’ and VSP=’0’ of RGBCTR (B0h) command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com