Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7713 Datasheet(PDF) 86 Page - Sitronix Technology Co., Ltd.

Part # ST7713
Description  262K Color Single-Chip TFT Controller/Driver
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7713 Datasheet(HTML) 86 Page - Sitronix Technology Co., Ltd.

Back Button ST7713 Datasheet HTML 82Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 83Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 84Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 85Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 86Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 87Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 88Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 89Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 90Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 159 page
background image
ST7713
Ver 1.6
2008-05
86
9.18.3 Reset Timing
Table 9.18.3.1 Reset input timing
VSS=0V, VDDI=1.65V to 1.95V, VDD=2.6V to 2.9V, Ta = -30 to 70
)
℃
Symbol
Parameter
Related Pins
MIN
TYP
MAX
Note
Unit
tRESW
(*1) Reset low pulse width
RESX
10
-
-
-
us
tREST
(*2) Reset complete time
-
120
-
-
-
ms
Note 1. Spike due to an electrostatic discharge on RESX line does not cause irregular system reset according to the table
below.
Note 2. It will be necessary to wait 120msec before sending next command; this is allowing time for the supply voltages and
clock circuits to stabilize.
Note 3. During Reset Complete Time, ID2 and VCOMOF value in OTP will be latched to internal register during this period.
This loading is done every time when there is H/W reset complete time (tREST) within 120ms after a rising edge of RESX.
Note 4. Spike Rejection also applies during a valid reset pulse as shown below:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com