Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7713 Datasheet(PDF) 4 Page - Sitronix Technology Co., Ltd.

Part # ST7713
Description  262K Color Single-Chip TFT Controller/Driver
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7713 Datasheet(HTML) 4 Page - Sitronix Technology Co., Ltd.

  ST7713 Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 159 page
background image
ST7713
Ver 1.6
2008-05
4
4. Pad Center Coordinates
PAD No.
PIN Name
X
Y
PAD No.
PIN Name
X
Y
1
PADA3
6424
239
41
G92
5544
239
2
DUMMY
6402
108
42
G90
5522
108
3
PADB3
6380
239
43
G88
5500
239
4
DUMMY
6358
108
44
G86
5478
108
5
DUMMY
6336
239
45
G84
5456
239
6
TEST
6314
108
46
G82
5434
108
7
TEST
6292
239
47
G80
5412
239
8
TEST
6270
108
48
G78
5390
108
9
TEST
6248
239
49
G76
5368
239
10
TEST
6226
108
50
G74
5346
108
11
TEST
6204
239
51
G72
5324
239
12
TEST
6182
108
52
G70
5302
108
13
TEST
6160
239
53
G68
5280
239
14
TEST
6138
108
54
G66
5258
108
15
TEST
6116
239
55
G64
5236
239
16
TEST
6094
108
56
G62
5214
108
17
TEST
6072
239
57
G60
5192
239
18
TEST
6050
108
58
G58
5170
108
19
TEST
6028
239
59
G56
5148
239
20
TEST
6006
108
60
G54
5126
108
21
G132
5984
239
61
G52
5104
239
22
G130
5962
108
62
G50
5082
108
23
G128
5940
239
63
G48
5060
239
24
G126
5918
108
64
G46
5038
108
25
G124
5896
239
65
G44
5016
239
26
G122
5874
108
66
G42
4994
108
27
G120
5852
239
67
G40
4972
239
28
G118
5830
108
68
G38
4950
108
29
G116
5808
239
69
G36
4928
239
30
G114
5786
108
70
G34
4906
108
31
G112
5764
239
71
G32
4884
239
32
G110
5742
108
72
G30
4862
108
33
G108
5720
239
73
G28
4840
239
34
G106
5698
108
74
G26
4818
108
35
G104
5676
239
75
G24
4796
239
36
G102
5654
108
76
G22
4774
108
37
G100
5632
239
77
G20
4752
239
38
G98
5610
108
78
G18
4730
108
39
G96
5588
239
79
G16
4708
239
40
G94
5566
108
80
G14
4686
108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com