Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7713 Datasheet(PDF) 96 Page - Sitronix Technology Co., Ltd.

Part # ST7713
Description  262K Color Single-Chip TFT Controller/Driver
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7713 Datasheet(HTML) 96 Page - Sitronix Technology Co., Ltd.

Back Button ST7713 Datasheet HTML 92Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 93Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 94Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 95Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 96Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 97Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 98Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 99Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 100Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 159 page
background image
ST7713
Ver 1.6
2008-05
96
9.20.4 Display Glass Break Detection
Sleep Out-command (See section 10.1.12 “Sleep Out (11h)”) is a trigger for an internal function of the display module,
which indicates, if the display glass of the display module is broken or not.
There is inverted (= increased by 1) a bit, which is defined in command 10.1.10 “Read Display Self-Diagnostic Result (0Fh)”
(= RDDSDR) (The used bit of this command is D4), if the display glass is not broken. If this display glass is broken, this bit
(D4) is not inverted (= increased by 1).
The following figure is a reference, how this glass break detection can be implemented e.g. there is connected together 2
bumps via route of ITO. This route of ITO is the nearest route of the edge of the display glass.
The flow chart for this internal function is following:
Sleep In (10h)
Sleep Out Mode
Sleep In Mode
Sleep Out (11h)
Checks, if display glass broken
Is the display glass broken?
D4 inverted
No
Yes
RDDSDR’s D4=0
Power on sequence
HW reset
SW reset
Active area of the display glass
Through view of driver to Bump
Substrate of display glass



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com