Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7713 Datasheet(PDF) 57 Page - Sitronix Technology Co., Ltd.

Part # ST7713
Description  262K Color Single-Chip TFT Controller/Driver
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7713 Datasheet(HTML) 57 Page - Sitronix Technology Co., Ltd.

Back Button ST7713 Datasheet HTML 53Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 54Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 55Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 56Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 57Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 58Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 59Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 60Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 61Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 159 page
background image
ST7713
Ver 1.6
2008-05
57
9.9.6 RGB Interface Timing Diagram
9.9.6.1 General Timings for RGB I/F
Fig. 9.9.6 General timing of RGB interface
Table 9.9.6.1 General Timing for RGB I/F
Specification
Item
Symbol
Condition
Min
Type.
Max
Unit
Pixel low pulse width
TPCLKLT
15
Pixel high pulse width
TPCLKHT
15
Vertical Sync. set-up time
TVSST
15
ns
Vertical Sync. hold time
TVSSHT
15
ns
Horizontal Sync. set-up time
THSST
15
ns
Horizontal Sync. hold time
TVSSHT
15
ns
Data Enable set-up time
TDEST
15
Data Enable hold time
TDEHT
15
Data set-up time
TDST
15
Data hold time
TDHT
15
Note 1: VDDI=1.6 to 3.3V, VDD=2.5 to 3.3V, AGND=DGND=0V, Ta=-30 to 70 ℃ (to +85℃ no damage)
Note 2: The input signal rise time and fall time (tr, tf) is specified at 15 ns or less.
Note 3. Data lines can be set to “High” or “Low” during blanking time – Don’t care.
Note 4. Logic high and low levels are specified as 30% and 70% of VDDI for Input signals.
Note 5. HP is multiples of eight PCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com