Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7713 Datasheet(PDF) 13 Page - Sitronix Technology Co., Ltd.

Part # ST7713
Description  262K Color Single-Chip TFT Controller/Driver
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7713 Datasheet(HTML) 13 Page - Sitronix Technology Co., Ltd.

Back Button ST7713 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 159 page
background image
ST7713
Ver 1.6
2008-05
13
PAD No.
PIN Name
X
Y
PAD No.
PIN Name
X
Y
721
C12P
3712
-239
722
C12N
3792
-239
723
C12N
3856
-239
724
C12N
3920
-239
725
AGND
4000
-239
726
AGND
4064
-239
727
AGND
4128
-239
728
VCL
4208
-239
729
VCL
4272
-239
730
VCL_O
4336
-239
731
C21P
4416
-239
732
C21P
4480
-239
733
C21N
4560
-239
734
C21N
4624
-239
735
C22P
4704
-239
736
C22P
4768
-239
737
C22N
4848
-239
738
C22N
4912
-239
739
C23P
4992
-239
740
C23P
5056
-239
741
C23N
5136
-239
742
C23N
5200
-239
743
VGL
5280
-239
744
VGL
5344
-239
745
VGL
5408
-239
746
VGH_O
5488
-239
747
VGH
5552
-239
748
VGH
5616
-239
749
VCOMH
5696
-239
750
VCOMH
5760
-239
751
VCOMH
5824
-239
752
VCOML
5904
-239
753
VCOML
5968
-239
754
VCOML
6032
-239
755
PADB0
6112
-239
756
VCOM
6192
-239
757
VCOM
6256
-239
758
VCOM
6320
-239
759
PADA2
6400
-239
760
PADB2
6464
-239



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com