Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7713 Datasheet(PDF) 3 Page - Sitronix Technology Co., Ltd.

Part # ST7713
Description  262K Color Single-Chip TFT Controller/Driver
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7713 Datasheet(HTML) 3 Page - Sitronix Technology Co., Ltd.

  ST7713 Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 159 page
background image
ST7713
Ver 1.6
2008-05
3
3. Pad arrangement
S1
DUMMY
G5
DUMMY
PADB4
PADA4
DUMMY
DUMMY
TEST
TEST
G3
S2
DUMMY
EXTC
PADA1
PADB1
PADA0
IM1
DGNDO
IM0
VDDIO
P68
DGNDO
IM2
VDDIO
RCM1
DGNDO
RCM0
VDDIO
SMX
DGNDO
SRGB
VDDIO
IDM
DGNDO
SMY
VDDIO
RL
DGNDO
REV
VDDIO
SHUT
DGNDO
TB
VDDIO
LCM0
DGNDO
TPI[4]
TPI[3]
D17
VDDIO
LCM1
DGNDO
D13
D16
D15
D14
D9
D12
D11
D10
D7
D8
DGNDO
TESEL
D3
D6
D5
D4
TPO[8]
D2
D1
D0 (SDA)
TPO[4]
TPO[7]
TPO[6]
TPO[5]
RDX (E)
OSC
TE
CSX
SPI-4
WRX (R/Wx)
SDA
GS
DGND
RESX
DGND
D/CX (SCL)
HS
PCLK
DGND
DE
TPO[1]
VS
TPO[3]
TPO[2]
DGND
DGND
DGND
DGND
VDDI
DGND
DGND
DGND
VDDI
VDDI
VDDI
VDDI
VCC
VDDI
VCC
VCC
AGND
VCI1
VCI1
VCI1
AGND
AGND
AGND
AGND
VDD
AGND
VDD
VDD
VREF
VDD
VDD
VREF
AVDD_I
VREF
TPI[1]
TPI[2]
AVDD
AVDD_I
AVDD_I
AVDD
C11P
GVDD
GVDD
GVDD
C11N
C11P
C11P
C11N
C12P
C11N
C12P
C12P
AGND
C12N
C12N
C12N
VCL_I
AGND
AGND
VCL_I
C21N
VCL
C21P
C21P
C22N
C21N
C22P
C22P
C23N
C22N
C23P
C23P
VGL
C23N
VGL_I
VGL_I
VCOMH
VGH_I
VGH_I
VGH
VCOML
VCOMH
VCOMH
VCOML
VCOM
VCOML
PADB0
VCOM
VCOM
PADA2
PADB2
TEST
DUMMY
DUMMY
DUMMY
DUMMY
S3
S396
DUMMY
G2
G4
S395
DUMMY
DUMMY
DUMMY
DUMMY
DUMMY
S394
DUMMY
PADA3
PADB3
DUMMY
DUMMY
G130
G132
G128
G1
G129
G127
G131
View point: bump view
Chip size (um): 13480 x 690
PAD coordinate: pad center
Coordinate origin: chip center
Chip thickness (um): 300±15
Bump height (um): 15±3
Bump hardness (HV): 75±25
Pad arrangement (Unit: um):
Output: pad No. 1 ~ 585 = 21 x 96
21
23
96
35
96
22
Input: pad No. 586 ~ 760 = 55 x 96
Alignment mark (unit: um):
(-6627.5, -195.5)
(6627.5, -195.5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com