Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7713 Datasheet(PDF) 64 Page - Sitronix Technology Co., Ltd.

Part # ST7713
Description  262K Color Single-Chip TFT Controller/Driver
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7713 Datasheet(HTML) 64 Page - Sitronix Technology Co., Ltd.

Back Button ST7713 Datasheet HTML 60Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 61Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 62Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 63Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 64Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 65Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 66Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 67Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 68Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 159 page
background image
ST7713
Ver 1.6
2008-05
64
9.9.6.4 Power On Sequence on RGB Mode 2
The Driver operates power up and display ON by VDD, VDDI, SHUT, VS, HS, DE, PCLK on RGB mode 2 as show as
following figure.
VDD
VDDI
RESX
SHUT
PCLK
HS
DE
VS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Display high
voltage
Display
Source output
Vcom output
Gate output
Internal counter
Internal
oscillator
TVDD-VDDI
TRS-SH
TVDD-SH
TPCLK-SH
TSH-LCD
TSH-ON
Display on
Normal display
Normal display
Normal display
Blanking display(over 1 frame)
Fig. 9.9.15 Power-ON sequence in RGB mode 2
Table 9.9.6.4 Power ON AC Characteristics
Characteristics
Symbol
Min
Typ
Max
Unit
Remark
VDD On to VDDI On
TVDD-VDDI
0
ns
Note1
VDDI/VDD on to falling edge of SHUT
TVDD-SH
1
ms
RESX to falling of SHUT
TRS-SH
10
us
Signals input to falling edge of SHUT *
TCLK-SH
1
PCLK
Note2
Falling edge of SHUT to LCD power ON
TSH-LCD
120
ms
Falling edge of SHUT to Display start
TSH-ON
10
VS
Note 1: TVDDI-VDD can be <=0ns, >0ns. In any case, VDDI and VDD power up sequence should not have any impact on
the driver / display functionalities / performance.
Note 2: Signals mean VS, HS, DE and PCLK signal.
Note 3: DP=’0’, EP=’0’, HSP=’0’ and VSP=’0’ of RGBCTR (B0h) command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com