Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7713 Datasheet(PDF) 11 Page - Sitronix Technology Co., Ltd.

Part # ST7713
Description  262K Color Single-Chip TFT Controller/Driver
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7713 Datasheet(HTML) 11 Page - Sitronix Technology Co., Ltd.

Back Button ST7713 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 159 page
background image
ST7713
Ver 1.6
2008-05
11
PAD No.
PIN Name
X
Y
PAD No.
PIN Name
X
Y
561
G123
-5896
239
601
RCM[1]
-5280
-239
562
G125
-5918
108
602
DGNDO
-5200
-239
563
G127
-5940
239
603
SRGB
-5120
-239
564
G129
-5962
108
604
VDDIO
-5040
-239
565
G131
-5984
239
605
SMX
-4960
-239
566
TEST
-6006
108
606
DGNDO
-4880
-239
567
TEST
-6028
239
607
SMY
-4800
-239
568
TEST
-6050
108
608
VDDIO
-4720
-239
569
TEST
-6072
239
609
IDM
-4640
-239
570
TEST
-6094
108
610
DGNDO
-4560
-239
571
TEST
-6116
239
611
REV
-4480
-239
572
TEST
-6138
108
612
VDDIO
-4400
-239
573
TEST
-6160
239
613
RL
-4320
-239
574
TEST
-6182
108
614
DGNDO
-4240
-239
575
TEST
-6204
239
615
TB
-4160
-239
576
TEST
-6226
108
616
VDDIO
-4080
-239
577
TEST
-6248
239
617
SHUT
-4000
-239
578
TEST
-6270
108
618
DGNDO
-3920
-239
579
TEST
-6292
239
619
TPI[4]
-3840
-239
580
TEST
-6314
108
620
TPI[3]
-3760
-239
581
DUMMY
-6336
239
621
LCM[0]
-3680
-239
582
DUMMY
-6358
108
622
VDDIO
-3600
-239
583
PADA4
-6380
239
623
LCM[1]
-3520
-239
584
DUMMY
-6402
108
624
DGNDO
-3440
-239
585
PADB4
-6424
239
625
D[17]
-3360
-239
586
PADA1
-6464
-239
626
D[16]
-3280
-239
587
PADB1
-6400
-239
627
D[15]
-3200
-239
588
PADA0
-6320
-239
628
D[14]
-3120
-239
589
EXTC
-6240
-239
629
D[13]
-3040
-239
590
DGNDO
-6160
-239
630
D[12]
-2960
-239
591
IM[0]
-6080
-239
631
D[11]
-2880
-239
592
VDDIO
-6000
-239
632
D[10]
-2800
-239
593
IM[1]
-5920
-239
633
D[9]
-2720
-239
594
DGNDO
-5840
-239
634
D[8]
-2640
-239
595
IM[2]
-5760
-239
635
DGNDO
-2560
-239
596
VDDIO
-5680
-239
636
TESEL
-2480
-239
597
P68
-5600
-239
637
D[7]
-2400
-239
598
DGNDO
-5520
-239
638
D[6]
-2320
-239
599
RCM[0]
-5440
-239
639
D[5]
-2240
-239
600
VDDIO
-5360
-239
640
D[4]
-2160
-239



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com