Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7713 Datasheet(PDF) 76 Page - Sitronix Technology Co., Ltd.

Part # ST7713
Description  262K Color Single-Chip TFT Controller/Driver
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7713 Datasheet(HTML) 76 Page - Sitronix Technology Co., Ltd.

Back Button ST7713 Datasheet HTML 72Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 73Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 74Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 75Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 76Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 77Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 78Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 79Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 80Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 159 page
background image
ST7713
Ver 1.6
2008-05
76
9.12.1.1 When 132RGBx132
Physical SRAM
(0, 0)
(131, 0)
(0, 131)
(131, 131)
Physical column point
Virtual (0, 0)
When MV=don't care,
MX="1", MY="0"
Virtual (0, 0)
When MV=don't care,
MX="1", MY="1"
Virtual (0, 0)
When MV=don't care,
MX="0", MY="1"
Virtual (0, 0)
When MV=don't care,
MX="0", MY="0"
Virtual physical point translator
CASET (2Ah)
CASET (2Bh)
MV
MX
MY
MV
MX
MV
CASET
RASET
0
0
0
Direct to Physical Column Pointer
Direct to Physical Row Pointer
0
0
1
Direct to Physical Column Pointer
Direct to (131-Physical Row Pointer)
0
1
0
Direct to (131-Physical Column Pointer)
Direct to Physical Row Pointer
0
1
1
Direct to (131-Physical Column Pointer)
Direct to (131-Physical Row Pointer)
1
0
0
Direct to Physical Row Pointer
Direct to Physical Column Pointer
1
0
1
Direct to (131-Physical Row Pointer)
Direct to Physical Column Pointer
1
1
0
Direct to Physical Row Pointer
Direct to (131-Physical Column Pointer)
1
1
1
Direct to (131-Physical Row Pointer)
Direct to (131-Physical Column Pointer)
Note: Data is always written to the Frame Memory in the same order, regardless of the Memory Write Direction set by
MADCTL bits B7 (MY), B6 (MX), B5 (MV). The write order for each pixel unit is
One pixel unit represents 1 column and 1page counter value on the Frame Memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com