Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7713 Datasheet(PDF) 18 Page - Sitronix Technology Co., Ltd.

Part # ST7713
Description  262K Color Single-Chip TFT Controller/Driver
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7713 Datasheet(HTML) 18 Page - Sitronix Technology Co., Ltd.

Back Button ST7713 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 159 page
background image
ST7713
Ver 1.6
2008-05
18
6.5 Test pin
Name
I/O
Description
Count
Connect pin
PADA0
PADB0
I
-These test pins is for display glass break detection.
-If not used, please open these pins.
2
Open
PADA1
PADB1
PADA2
PADB2
PADA3
PADB3
PADA4
PADB4
I
-These test pins is for chip attachment detection.
-If not used, please open these pins.
8
Open
TPI[4]
I
-This pin must pull high.
1
-
TPI[3]
I
-This pin must pull low.
1
-
TPI[2]~[1]
I
-Please open these pins.
2
Open
TPO[8]~[1]
O
-Please open these pins.
8
Open
Dummy
-
-These pins are dummy (have no function inside).
-Can allow signal traces pass through these pads on TFT glass.
23
Open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com