Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7713 Datasheet(PDF) 67 Page - Sitronix Technology Co., Ltd.

Part # ST7713
Description  262K Color Single-Chip TFT Controller/Driver
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7713 Datasheet(HTML) 67 Page - Sitronix Technology Co., Ltd.

Back Button ST7713 Datasheet HTML 63Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 64Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 65Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 66Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 67Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 68Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 69Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 70Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 71Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 159 page
background image
ST7713
Ver 1.6
2008-05
67
9.9.7.2 18-bit/pixel Color Order on the RGB Interface
G1, Bit 3
G1, Bit 2
G1, Bit 1
G1, Bit 0
RCM[1:0]
VS
“1”
“10”or “11”
PCLK
D15
D14
D13
D12
D11
D10
D9
D8
Pixel n
Pixel n+1
18 bits
18 bits
R1
G1
B1
R2
G2
B2
R3
G3
B3
Frame memory
R1, Bit 3
R1, Bit 2
R1, Bit 1
R1, Bit 0
D7
D6
D5
D4
D3
D2
D1
D0
B1, Bit 3
B1, Bit 2
B1, Bit 1
B1, Bit 0
G2, Bit 3
G2, Bit 2
G2, Bit 1
G2, Bit 0
R2, Bit 3
R2, Bit 2
R2, Bit 1
R2, Bit 0
B2, Bit 3
B2, Bit 2
B2, Bit 1
B2, Bit 0
G3, Bit 3
G3, Bit 2
G3, Bit 1
G3, Bit 0
R3, Bit 3
R3, Bit 2
R3, Bit 1
R3, Bit 0
B3, Bit 3
B3, Bit 2
B3, Bit 1
B3, Bit 0
G4, Bit 3
G4, Bit 2
G4, Bit 1
G4, Bit 0
R4, Bit 3
R4, Bit 2
R4, Bit 1
R4, Bit 0
B4, Bit 3
B4, Bit 2
B4, Bit 1
B4, Bit 0
Pixel n+2
Pixel n+3
D17
D16
R1, Bit 4
R2, Bit 4
R3, Bit 4
R4, Bit 4
G1, Bit 5
G1, Bit 4
G2, Bit 5
G2, Bit 4
G3, Bit 5
G3, Bit 4
G4, Bit 5
G4, Bit 4
B1, Bit 4
B2, Bit 4
B3, Bit 4
B4, Bit 4
HS
DE
“1”
RESX
“1”
“1”
G5, Bit 3
G5, Bit 2
G5, Bit 1
G5, Bit 0
R5, Bit 3
R5, Bit 2
R5, Bit 1
R5, Bit 0
B5, Bit 3
B5, Bit 2
B5, Bit 1
B5, Bit 0
R5, Bit 4
G5, Bit 5
G5, Bit 4
B5, Bit 4
Pixel n+4
R1, Bit 5
R2, Bit 5
R3, Bit 5
R4, Bit 5
R5, Bit 5
B1, Bit 5
B2, Bit 5
B3, Bit 5
B4, Bit 5
B5, Bit 5
Note 1: The data order is as follows, MSB=D17, LSB=D0 and picture data is MSB=Bit5, LSB=Bit0 for Red, Green and Blue
data.
Note 2. ‘-’ Don’t care, but need set to VDDI or DGND level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com