Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7713 Datasheet(PDF) 1 Page - Sitronix Technology Co., Ltd.

Part # ST7713
Description  262K Color Single-Chip TFT Controller/Driver
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7713 Datasheet(HTML) 1 Page - Sitronix Technology Co., Ltd.

  ST7713 Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 159 page
background image
ST
Sitronix
ST7713
262K Color Single-Chip TFT Controller/Driver
Sitronix Technology Corp. reserves the right to change the contents in this document without prior notice.
1
1. Introduction
The ST7713 is a single-chip controller/driver for 262K-color, graphic type TFT-LCD. It consists of 396 source line and
132 gate line driving circuits. This chip is capable of connecting directly to an external microprocessor, and accepts Serial
Peripheral Interface (SPI), 8-bits/9-bits/16-bits/18-bits parallel interface. Display data can be stored in the on-chip display
data RAM of 132 x 132 x 18 bits. It can perform display data RAM read/write operation with no external operation clock to
minimize power consumption. In addition, because of the integrated power supply circuits necessary to drive liquid crystal,
it is possible to make a display system with fewer components.
2. Features
Single chip TFT-LCD controller/driver with display data RAM
Display resolution: 132 (H) x RGB x 132 (V)
Display data RAM (frame memory): 132 x 132x 18-bits = 313,632 bits
Output:
- 396 ch source outputs (132RGB)
- 132 ch gate outputs
- Common electrode output
Display mode (color mode)
- Full color mode (idle mode off): 262K-colors
- Reduce color mode (idle mode on): 8-colors (1-bit for individual R, G, B color depth)
Display resolution
- 132 x 132 display with 132 x 18-bits x 132 display RAM
Supported LC type option
- Transflective (TR) LC type (When LCM1,LCM0 = “00”)
- Transmissive (TM) LC type (When LCM1,LCM0 = “01”)
- Low voltage (LV) LC type (When LCM1,LCM0 = “10”)
- MVA LC type (When LCM1, LCM0 = “11”)
Supported data format on display host interface
- 12-bits/pixel: RGB= (444) using the 384k-bits frame memory and LUT
- 16-bits/pixel: RGB= (565) using the 384k-bits frame memory and LUT
- 18-bits/pixel: RGB= (666) using the 384k-bits frame memory
Supported MCU Interface
- 3-line serial interface
- 4-line serial interface
- 8-bits, 9-bits, 16-bits, 18-bits interface with 8080-series MCU
- 8-bits, 9-bits, 16-bits, 18-bits interface with 6800-series MCU
- 6-bits, 16-bits, 18-bits RGB interface with graphic controller
Display features
- Area scrolling
- Partial display mode
- Software programmable color depth mode
Build-in circuit
- DC/DC converter
- Adjustable VCOM generation
- Non-volatile (NV) memory to store initial register setting
- Oscillator for display clock generation
- Timing controller
- Support transflective, transmissive, low voltage, MVA type LC
- Factory default value (contrast, module ID, module version, etc) are stored in NV memory
- Line inversion, frame inversion
NV Memory
- 7-bits for ID2
- 8-bits for ID3
- 7-bits for VCOM adjustment


Similar Part No. - ST7713

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7710-STDVB STMICROELECTRONICS-ST7710-STDVB Datasheet
84Kb / 3P
Single-chip, low-cost high definition set-top box decoder
Rev. 1
logo
Sitronix Technology Co....
ST7712 SITRONIX-ST7712 Datasheet
1Mb / 113P
262K Color Single-Chip TFT Controller/Driver
ST7715 SITRONIX-ST7715 Datasheet
1Mb / 167P
262K Color Single-Chip TFT Controller/Driver
More results

Similar Description - ST7713

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST7712 SITRONIX-ST7712 Datasheet
1Mb / 113P
262K Color Single-Chip TFT Controller/Driver
ST7715 SITRONIX-ST7715 Datasheet
1Mb / 167P
262K Color Single-Chip TFT Controller/Driver
ST7732 SITRONIX-ST7732 Datasheet
2Mb / 168P
262K Color Single-Chip TFT Controller/Driver
ST7735 SITRONIX-ST7735 Datasheet
1Mb / 166P
262K Color Single-Chip TFT Controller/Driver
ST7773 SITRONIX-ST7773 Datasheet
2Mb / 128P
262K Color Single-Chip TFT Controller/Driver
ST7781 SITRONIX-ST7781 Datasheet
1Mb / 88P
262K Color Single - Chip TFT Controller/Driver
ST7787 SITRONIX-ST7787 Datasheet
2Mb / 217P
262K Color Single-Chip TFT Controller/Driver
ST7789H2 SITRONIX-ST7789H2 Datasheet
3Mb / 314P
single-chip controller/driver for 262K-color, graphic type TFT-LCD
ST7735R SITRONIX-ST7735R Datasheet
2Mb / 164P
262K Color Single-Chip TFT Controller/Driver
ST7735S SITRONIX-ST7735S Datasheet
2Mb / 201P
132RGB x 162dot 262K Color with Frame Memory Single-Chip TFT Controller/Driver
Version 1.1 2011/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com