Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7713 Datasheet(PDF) 28 Page - Sitronix Technology Co., Ltd.

Part # ST7713
Description  262K Color Single-Chip TFT Controller/Driver
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7713 Datasheet(HTML) 28 Page - Sitronix Technology Co., Ltd.

Back Button ST7713 Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 25Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 26Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 27Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 28Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 29Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 30Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 31Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 32Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 159 page
background image
ST7713
Ver 1.6
2008-05
28
9.2.2 Read cycle sequence
The read cycle (RDX high-low-high sequence) means that the host reads information from LCD driver via interface. The
driver sends data (D[17:0]) to the host when there is a falling edge of RDX and the host reads data when there is a rising
edge of RDX.
Fig. 9.2.3 8080-series RDX protocol
Note: RDX is an unsynchronized signal (It can be stopped).
CMD
DM
PA
CMD
DM & data
Data
Data
S
P
CMD
DM
PA
CMD
DM & data
Data
Data
S
P
D[17:0]
RESX
CSX
D/CX
RDX
WRX
D[17:0]
Host D[17:0]
Host to LCD
Driver D[17:0]
LCD to Host
“1”
Hi-Z
Read parameter
Read display data
CMD: write command code
PA: parameter or display data
Signals on D[17:0], D/CX, R/WX, E
pins during CSX=1 are ignored.
DM
PA1
DM & data
PAN-2
PAN-1
P
S
CMD
CMD
S
P
Hi-Z
Hi-Z
Hi-Z
Fig. 9.2.4 8080-series parallel bus protocol, read data from register or display RAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com