Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7713 Datasheet(PDF) 95 Page - Sitronix Technology Co., Ltd.

Part # ST7713
Description  262K Color Single-Chip TFT Controller/Driver
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7713 Datasheet(HTML) 95 Page - Sitronix Technology Co., Ltd.

Back Button ST7713 Datasheet HTML 91Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 92Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 93Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 94Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 95Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 96Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 97Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 98Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 99Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 159 page
background image
ST7713
Ver 1.6
2008-05
95
9.20.3 Chip Attachment Detection
Sleep Out-command (See section 10.1.12 “Sleep Out (11h)”) is a trigger for an internal function of the display module,
which indicates, if a chip or chips (e.g. driver, etc.) of the display module is/are attached to the circuit route of a flex foil or
display glass ITO.
There is inverted (= increased by 1) a bit, which is defined in command 10.1.10 “Read Display Self- Diagnostic Result
(0Fh)” (= RDDSDR) (The used bit of this command is D5), if the chip or chips is/are attached to the circuit route of the flex
or display glass. If this chip is or those chips are not attached to the circuit route of the flex or display glass, this bit (D5) is
not inverted (= increased by 1).
The following figure is for reference purposes; how this chip attachment can be implemented e.g. there are connected
together 2 bumps via route of ITO or the flex foil on 4 corners of the driver (chip).
The flow chart for this internal function is following:
Sleep In (10h)
Sleep Out Mode
Sleep In Mode
Sleep Out (11h)
Checks, if chip is attached to route
Is chip attached to routes?
D5 inverted
No
Yes
RDDSDR’s D5=0
Power on sequence
HW reset
SW reset
Bump
Routing
Between
bumps
Routing
Between
bumps
Substrate of display glass
Through view of driver to bumps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com