Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7713 Datasheet(PDF) 15 Page - Sitronix Technology Co., Ltd.

Part # ST7713
Description  262K Color Single-Chip TFT Controller/Driver
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7713 Datasheet(HTML) 15 Page - Sitronix Technology Co., Ltd.

Back Button ST7713 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 159 page
background image
ST7713
Ver 1.6
2008-05
15
6. Pin description
6.1 Power supply pin
Name
I/O
Description
Count
Connect pin
VDD
I
Power supply for analog, digital system and booster circuit.
5
VDD
VDDI
I
Power supply for I/O system.
6
VDDI
AGND
I
System ground for analog system and booster circuit.
9
GND
DGND
I
System ground for I/O system and digital system.
10
GND
6.2 Interface logic pin
Name
I/O
Description
Count
Connect pin
P68
I
-8080/6800 MCU interface mode select.
-P68=’1’, select 6800 MCU parallel interface.
-P68=’0’, select 8080 MCU parallel interface.
-If not used, please fix this pin at VDDI or DGND level.
1
DGND/VDDI
IM0~IM2
I
-Selection for MCU parallel interface or serial interface.
-If not used, please fix this pin at VDDI or DGND level.
3
DGND/VDDI
4WSPI
I
-When in serial interface, this pin can be used to choose 3-line or 4-line
SPI.
-If not used, please fix this pin at DGND level.
1
DGND/VDDI
RESX
I
-This signal will reset the device and it must be applied to properly
initialize the chip.
-Signal is active low.
1
MCU
CSX
I
-Chip selection pin
-Low enable.
1
MCU
D/CX
(SCL)
I
-Display data/command selection pin in MCU interface.
-D/CX=’1’: display data or parameter.
-D/CX=’0’: command data.
-In serial interface, this is used as SCL.
-If not used, please fix this pin at VDDI or DGND level.
1
MCU
RDX
(E)
I
-Read enable in 8080 MCU parallel interface.
-Read/write operation enable pin in 6800 MCU parallel interface.
-If not used, please fix this pin at VDDI or DGND level.
1
MCU
WRX
(D/CX)
I
-Write enable in MCU parallel interface.
-In 4-line serial interface, this pin is used as D/CX (data/ command
selection).
-If not used, please fix this pin at VDDI or DGND level.
1
MCU
SDA
I
-When RCM1, RCM0=’1X’ (RGB interface), this pin is used as serial
input/output pin.
-When RCM1, RCM0=’0X’ (MCU interface), this pin is not used and
please connect to VDDI or DGND level. The serial input/output pin in
MCU interface mode is D0.
1
MCU
DGND/VDDI
OSC
O
-Monitoring pin of internal oscillator clock and is turned ON/OFF by S/W
command.
-When this pin is inactive (function OFF), this pin is DGND level.
-If not used, please open this pin.
1
-
D[17:0]
I/O
-When RCM=”1” (RGB interface), D[17:0] are used as RGB interface
data bus.
-When RCM=”0” (MCU interface), D[17:0] are used as MCU parallel
interface data bus.
-D0 is the serial input/output signal in serial interface mode.
-In serial interface, D[17:1] are not used and should be connected to
VDDI or DGND.
18
MCU
TE
O
-Tearing effect output pin to synchronies MCU to frame rate, activated
by S/W command.
-If not used, please open this pin.
1
MCU
PCLK
I
-Pixel clock signal in RGB interface mode.
-If not used, please fix this pin at VDDI or DGND level.
1
RGB interface
VS
I
-Vertical sync. signal in RGB interface mode.
-If not used, please fix this pin at VDDI or DGND level.
1
RGB interface
HS
I
-Horizontal sync. signal in RGB interface mode.
-If not used, please fix this pin at VDDI or DGND level.
1
RGB interface
DE
I
-Data enable signal in RGB interface mode.
-If not used, please fix this pin at VDDI or DGND level.
1
RGB interface
Note1. When in parallel mode, no use data pin must be connected to “1” or “0”.
Note2. When CSX=”1”, there is no influence to the parallel and serial interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com